Electronic Components Datasheet Search |
|
LTC4096EDD Datasheet(PDF) 2 Page - Linear Technology |
|
LTC4096EDD Datasheet(HTML) 2 Page - Linear Technology |
2 / 16 page LTC4096/LTC4096X 2 4096xf ELECTRICAL CHARACTERISTICS PACKAGE/ORDER INFORMATION ABSOLUTE MAXIMUM RATINGS VDCIN, VUSBIN t < 1ms and Duty Cycle < 1% .................. –0.3V to 7V Steady State............................................. –0.3V to 6V BAT, ⎯C⎯H⎯R⎯G, SUSP........................................ –0.3V to 6V IDC, IUSB, ITERM ...........................–0.3V to VCC + 0.3V BAT Short-Circuit Duration............................ Continuous PWR Short-Circuit Duration.......................... Continuous BAT, DCIN Pin Current (Note 6)..............................1.25A USBIN Pin Current (Note 6) .....................................1.1A IDC, IUSB, ITERM Pin Current ............................1.25mA Junction Temperature ........................................... 125°C Operating Temperature Range (Note 2) ... –40°C to 85°C Storage Temperature Range................... –65°C to 125°C (Note 1,7) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VDCIN Adapter Supply Voltage ● 4.25 5.5 V VUSBIN USB Supply Voltage ● 4.25 5.5 V IDCIN DCIN Supply Current Charge Mode (Note 4), RIDC = 10k Standby Mode; Charge Terminated Shutdown Mode (SUSP = 5V) ● ● 250 50 20 800 100 40 µA µA µA IUSBIN USBIN Supply Current Charge Mode (Note 5), RIUSB = 10k, VDCIN = 0V Standby Mode; Charge Terminated, VDCIN = 0V Shutdown (VDCIN = 0V, SUSP = 5V) VDCIN > VUSBIN ● ● 250 50 20 10 800 100 40 20 µA µA µA µA VFLOAT Regulated Output (Float) Voltage IBAT = 1mA IBAT = 1mA, 0°C ≤ TA ≤ 85°C 4.179 4.158 4.2 4.2 4.221 4.242 V V IBAT BAT Pin Current RIDC = 1.25k, Constant-Current Mode RIUSB = 2.1k, Constant-Current Mode RIDC = 10k or RIUSB = 10k Standby Mode, Charge Terminated Shutdown Mode (Charger Disabled) Sleep Mode (VDCIN = 0V, VUSBIN = 0V) 750 450 88 800 476 100 –5 –2 –5 850 500 112 –8 –4 –8 mA mA mA µA µA µA VIDC IDC Pin Regulated Voltage Constant-Current Mode, RIDC = 1.25k 1 V VIUSB IUSB Pin Regulated Voltage Constant-Current Mode, RIUSB = 2k 1 V TOP VIEW DD PACKAGE 10-LEAD (3mm × 3mm) PLASTIC DFN 10 9 6 7 8 11 4 5 3 2 1 BAT IDC GND IUSB ITERM DCIN USBIN PWR CHRG SUSP TJMAX = 125°C, θJA = 40°C/W (Note 3) EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB ORDER PART NUMBER DD PART MARKING LTC4096EDD LTC4096XEDD LCSJ LCLM Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ Consult LTC Marketing for parts specified with wider operating temperature ranges. The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, RIDC = 1kΩ, RIUSB = 2kΩ, RITERM = 2kΩ unless otherwise noted. |
Similar Part No. - LTC4096EDD |
|
Similar Description - LTC4096EDD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |