Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4096EDD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4096EDD
Description  Dual Input Standalone Li-Ion Battery Chargers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4096EDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4096EDD Datasheet HTML 6Page - Linear Technology LTC4096EDD Datasheet HTML 7Page - Linear Technology LTC4096EDD Datasheet HTML 8Page - Linear Technology LTC4096EDD Datasheet HTML 9Page - Linear Technology LTC4096EDD Datasheet HTML 10Page - Linear Technology LTC4096EDD Datasheet HTML 11Page - Linear Technology LTC4096EDD Datasheet HTML 12Page - Linear Technology LTC4096EDD Datasheet HTML 13Page - Linear Technology LTC4096EDD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4096/LTC4096X
10
4096xf
Programming Charge Termination
The charge cycle terminates when the charge current
falls below the programmed termination threshold during
constant-voltage mode. This threshold is set by connect-
ing an external resistor, RITERM, from the ITERM pin to
ground.
The charge termination current threshold (ITERMINATE) is
set by the following equation:
R
V
I
I
V
R
ITERM
TERMINATE
TERMINATE
ITERM
==
100
100
,
The termination condition is detected by using an internal
filtered comparator to monitor the ITERM pin. When the
ITERM pin voltage drops below 100mV* for longer than
tTERMINATE (typically 3ms), the charge cycle terminates,
charge current latches off and the LTC4096 enters standby
mode. When charging, transient loads on the BAT pin can
cause the ITERM pin to fall below 100mV for short periods
of time before the DC charge current has dropped below
the programmed termination current. The 3ms filter time
(tTERMINATE) on the termination comparator ensures that
transient loads of this nature do not result in premature
charge cycle termination. Once the average charge current
drops below the programmed termination threshold, the
LTC4096 terminates the charge cycle and stops providing
any current out of the BAT pin. In this state, any load on
the BAT pin must be supplied by the battery.
Low-Battery Charge Conditioning (Trickle Charge)
This feature ensures that deeply discharged batteries are
gradually charged before applying full charge current. If
the BAT pin voltage is below 2.9V, the LTC4096 supplies
1/10th of the full charge current to the battery until the
BAT pin rises above 2.9V. For example, if the charger is
programmed to charge at 800mA from the wall adapter
input and 500mA from the USB input, the charge current
OPERATION
*Any external sources that hold the ITERM pin above 100mV will prevent the LTC4096 from
terminating a charge cycle.
during trickle charge mode would be 80mA and 50mA,
respectively.
The LTC4096X has no trickle charge mode.
Automatic Recharge
In standby mode, the charger sits idle and monitors the
battery voltage using a comparator with a 1.6ms filter time
(tRECHRG). A charge cycle automatically restarts when the
battery voltage falls below 4.15V (which corresponds to
approximately 80%-90% battery capacity). This ensures
that the battery is kept at, or near, a fully charged condi-
tion and eliminates the need for periodic charge cycle
initiations. If the battery is removed from the charger, a
sawtooth waveform appears at the battery output. This
is caused by the repeated cycling between termination
and recharge events. This cycling results in pulsing at the
⎯C⎯H⎯R⎯G output; an LED connected to this pin will exhibit
a blinking pattern, indicating to the user that a battery is
not present. The frequency of the sawtooth is dependent
on the amount of output capacitance.
Status Indicators
The charge status output (
⎯C⎯H⎯R⎯G)hastwostates:pull-down
and high impedance. The pull-down state indicates that
the LTC4096 is in a charge cycle. Once the charge cycle
has terminated or the LTC4096 is disabled, the pin state
becomes high impedance. The pull-down state is capable
of sinking up to 10mA.
The power present output (PWR) has two states: DCIN/
USBIN voltages and high impedance. These states are
described in Table 1 and the circuit is shown in Figure
2. The high impedance state indicates that voltage is
not present at either DCIN or USBIN, so LTC4096 lacks
sufficient power to charge the battery. The PWR present
output is capable of sourcing up to 120mA steady state
and includes short circuit protection.


Similar Part No. - LTC4096EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
More results

Similar Description - LTC4096EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com