Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-1903 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # F-1903
Description  Surface Mount Data Line Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

F-1903 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  F-1903 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
9/16/96
F-1903
Surface Mount
Data Line Choke
(3 Lines, 1 Coil)
Pri. Ind.
DCR
Hi-Pot
Common Mode Attenuation (dB)
Part
OCL, Min. Max.
Min.
Number
(
µH )
(
Ω )
V
RMS
100k
1M
10M
30M
50M
100M
300M
500M
F-1903
47
0.3
2000
3
20
33
37
35
27
9
4
Operating Temperature Range: 0 oC to +70 oC
Current Rating: 100mA (Common Mode)
Electrical Specifications at 25o C
Physical
Dimensions
inches (mm)
Schematic
Diagram
www.rhombus-ind.com


Similar Part No. - F-1903

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-1900 RHOMBUS-IND-F-1900 Datasheet
25Kb / 1P
   Surface Mount Common Mode Choke
F-1900HV RHOMBUS-IND-F-1900HV Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
F-1901 RHOMBUS-IND-F-1901 Datasheet
37Kb / 1P
   Common Mode Choke
F-1901G RHOMBUS-IND-F-1901G Datasheet
37Kb / 1P
   Common Mode Choke
F-1902 RHOMBUS-IND-F-1902 Datasheet
40Kb / 1P
   Common Mode Choke
More results

Similar Description - F-1903

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
DR331 BOURNS-DR331_12 Datasheet
283Kb / 3P
   Surface Mount Data Line Chokes
DR221 BOURNS-DR221 Datasheet
219Kb / 2P
   Surface Mount Data Line Chokes
DR221 BOURNS-DR221_11 Datasheet
108Kb / 2P
   Surface Mount Data Line Chokes
DR331 BOURNS-DR331 Datasheet
252Kb / 3P
   Surface Mount Data Line Chokes
DR332 BOURNS-DR332 Datasheet
232Kb / 3P
   Surface Mount Data Line Chokes
logo
Datatronic Distribution...
DR332-1-502C DATATRONICS-DR332-1-502C Datasheet
151Kb / 1P
   DATA LINE Low Profile SMD CHOKE
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
   CHOKE Surface Mount Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com