Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4095EDC Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4095EDC
Description  Standalone USB Li-Ion/Polymer Battery Charger in 2mm2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4095EDC Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4095EDC Datasheet HTML 6Page - Linear Technology LTC4095EDC Datasheet HTML 7Page - Linear Technology LTC4095EDC Datasheet HTML 8Page - Linear Technology LTC4095EDC Datasheet HTML 9Page - Linear Technology LTC4095EDC Datasheet HTML 10Page - Linear Technology LTC4095EDC Datasheet HTML 11Page - Linear Technology LTC4095EDC Datasheet HTML 12Page - Linear Technology LTC4095EDC Datasheet HTML 13Page - Linear Technology LTC4095EDC Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4095
10
4095fa
OPERATION
Figure 2. State Diagram of LTC4095 Operation
NTC Thermistor
The battery temperature is measured by placing a nega-
tive temperature coefficient (NTC) thermistor close to the
battery pack. The NTC circuitry is shown in Figure 3.
To use this feature, connect the NTC thermistor, RNTC,
between the NTC pin and ground, and a bias resistor,
RNOM, from IN to NTC. RNOM should be a 1% resistor with
a value equal to the value of the chosen NTC thermistor
at 25°C (R25). A 100k thermistor is recommended since
thermistor current is not measured by the LTC4095 and
its current will have to be considered for compliance with
USB specifications.
The LTC4095 will pause charging when the resistance of
the NTC thermistor drops to 0.54 times the value of R25
or approximately 54k (for a Vishay “Curve 1” thermistor,
this corresponds to approximately 40°C). If the battery
charger is in constant voltage mode, the safety timer will
pause until the thermistor indicates a return to a valid
temperature.
As the temperature drops, the resistance of the NTC therm-
istor rises. The LTC4095 is also designed to pause charging
when the value of the NTC thermistor increases to 3.25
times the value of R25. For a Vishay “Curve 1” thermistor,
this resistance, 325k, corresponds to approximately 0°C.
The hot and cold comparators each have approximately
3°C of hysteresis to prevent oscillation about the trip point.
Grounding the NTC pin disables all NTC functionality.
IF SUSP < 0.4V AND
IN > 4V AND
IN > BAT + 165mV
DUVLO, UVLO AND SUSPEND
SUSPEND/SHUTDOWN MODE
1/10 FULL CHARGE CURRENT
CHRG STRONG PULL-DOWN
30 MINUTE TIMER BEGINS
TRICKLE CHARGE MODE
FULL CHARGE CURRENT
CHRG STRONG PULL-DOWN
CONSTANT CURRENT MODE
BATTERY CHARGING SUSPENDED
CHRG PULSES
NTC FAULT
NO CHARGE CURRENT
CHRG PULSES
DEFECTIVE BATTERY
4 HOUR TERMINATION
TIMER BEGINS
BAT DROPS BELOW 0.105V
4 HOUR TERMINATION TIMER RESETS
CONSTANT VOLTAGE MODE
NO CHARGE CURRENT
CHRG HIGH IMPEDANCE
STANDBY MODE
CHRG HIGH IMPEDANCE
BAT > 2.9V
4095 F02
NO FAULT, BAT
≤ 2.9V
30 MINUTE
TIMEOUT
4 HOUR CHARGE
CYCLE BEGINS
2.9V < BAT < 4.105V
TRUE
4 HOUR
TIMEOUT
NO FAULT
FAULT
FALSE
POWER
ON


Similar Part No. - LTC4095EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
More results

Similar Description - LTC4095EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
   USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
LTC4097 LINER-LTC4097 Datasheet
224Kb / 20P
   USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com