Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4095EDC Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4095EDC
Description  Standalone USB Li-Ion/Polymer Battery Charger in 2mm2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4095EDC Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4095EDC Datasheet HTML 3Page - Linear Technology LTC4095EDC Datasheet HTML 4Page - Linear Technology LTC4095EDC Datasheet HTML 5Page - Linear Technology LTC4095EDC Datasheet HTML 6Page - Linear Technology LTC4095EDC Datasheet HTML 7Page - Linear Technology LTC4095EDC Datasheet HTML 8Page - Linear Technology LTC4095EDC Datasheet HTML 9Page - Linear Technology LTC4095EDC Datasheet HTML 10Page - Linear Technology LTC4095EDC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4095
7
4095fa
SIMPLIFIED BLOCK DIAGRAM
+
6
+
RECHRG
CHRGR
ON
TEMP
FAULT
TERMINATE
CHARGE
BAD
BAT
TRICKLE
2.9V
M1
BAT
4.105V
NTC
3
CHRG
NTC
TRICKLE
CHARGE
TEMP FAULT
CONTROL
LOGIC
BLINK
LOGIC
COUNTER
2.25MHz CLOCK
CONSTANT CURRENT/
CONSTANT VOLTAGE
CHARGE
CURRENT
CONTROL
RECHARGE
+
C/10
100mV
PROG
IBAT
ENABLE
IBAT
800
TREF
HPWR
TDIE
5
IN
THERMAL
AMP
BAT
BAT
IN
4V
8
1
+
SUSP
4095 F01
4
7
GND
2
IN
DUVLO
UVLO
Figure 1. LTC4095 Block Diagram
OPERATION
Introduction
The LTC4095 is a linear battery charger designed to
charge single-cell lithium-ion batteries. The charger uses
a constant-current/constant-voltage charge algorithm
with a charge current programmable up to 950mA. Ad-
ditional features include automatic recharge, an internal
termination timer, low-battery trickle charge conditioning,
bad-battery detection, and a thermistor sensor input for
out of temperature charge pausing.
Futhermore, the LTC4095 is capable of operating from a
USB power source. In this application, charge current can
be programmed to a maximum of 100mA or 500mA per
USB power specifications.
Input Current vs Charge Current
The LTC4095 regulates the total current delivered to the
BAT pin; this is the charge current. To calculate the total
input current (i.e., the total current drawn from the IN pin),
it is necessary to sum the battery charge current, charger
quiescent current and PROG pin current.
Undervoltage Lockout (UVLO)
The undervoltage lockout circuit monitors the input volt-
age (IN) and disables the battery charger until IN rises
above VUVLO (typically 4V). 200mV of hysteresis prevents
oscillations around the trip point. In addition, a differential
undervoltage lockout circuit disables the battery charger
when IN falls to within VDUVLO (typically 40mV) of the
BAT voltage.
Suspend Mode
The LTC4095 can also be disabled by pulling the SUSP
pin above 1.2V. In suspend mode, the battery drain cur-
rent is reduced to 1.3µA and the input current is reduced
to 8.5µA.


Similar Part No. - LTC4095EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
More results

Similar Description - LTC4095EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
   USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
LTC4097 LINER-LTC4097 Datasheet
224Kb / 20P
   USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com