Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4090EDJC-5-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4090EDJC-5-PBF
Description  USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090EDJC-5-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4090EDJC-5-PBF Datasheet HTML 4Page - Linear Technology LTC4090EDJC-5-PBF Datasheet HTML 5Page - Linear Technology LTC4090EDJC-5-PBF Datasheet HTML 6Page - Linear Technology LTC4090EDJC-5-PBF Datasheet HTML 7Page - Linear Technology LTC4090EDJC-5-PBF Datasheet HTML 8Page - Linear Technology LTC4090EDJC-5-PBF Datasheet HTML 9Page - Linear Technology LTC4090EDJC-5-PBF Datasheet HTML 10Page - Linear Technology LTC4090EDJC-5-PBF Datasheet HTML 11Page - Linear Technology LTC4090EDJC-5-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC4090/LTC4090-5
8
4090fa
100
μs/DIV
HPWR
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
4090 G26
VBAT = 3.85V
IOUT = 50mA
TYPICAL PERFORMANCE CHARACTERISTICS
LTC4090 Input Connect
Waveforms
LTC4090 Input Disconnect
Waveforms
LTC4090 Response to Suspend
LTC4090 High Voltage Input
Connect Waveforms
LTC4090 High Voltage Input
Disconnect Waveforms
LTC4090 High Voltage Regulator
Load Transient
LTC4090 High Voltage Regulator
Load Transient
1ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
4090 G21
VBAT = 3.85V
IOUT = 100mA
1ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
4090 G22
VBAT = 3.85V
IOUT = 100mA
1ms/DIV
SUSP
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
4090 G23
VBAT = 3.85V
IOUT = 50mA
2ms/DIV
VHVIN
10V/DIV
VOUT
5V/DIV
IHVIN
1A/DIV
IBAT
1A/DIV
4090 G24
VBAT = 3.85V
IOUT = 100mA
2ms/DIV
VHVIN
5V/DIV
VOUT
5V/DIV
IHVIN
1A/DIV
IBAT
1A/DIV
4090 G25
VBAT = 3.85V
IOUT = 100mA
LTC4090 Response to HPWR
25
μs/DIV
HVOUT
50mV/DIV
IOUT
1A/DIV
4090 G27
ILOAD = 500mA
25
μs/DIV
HVOUT
50mV/DIV
IL
1A/DIV
4090 G28
ILOAD = 500mA


Similar Part No. - LTC4090EDJC-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4090 LINER-LTC4090 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Analog Devices
LTC4090 AD-LTC4090 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4090-3 LINER-LTC4090-3 Datasheet
527Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-3 LINER-LTC4090-3_15 Datasheet
840Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-5 LINER-LTC4090-5 Datasheet
391Kb / 52P
   Dual-Input Power Manager
More results

Similar Description - LTC4090EDJC-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4090-3 LINER-LTC4090-3 Datasheet
527Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090 LINER-LTC4090_15 Datasheet
852Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-3 LINER-LTC4090-3_15 Datasheet
840Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-5 LINER-LTC4090-5_15 Datasheet
852Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com