Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-1701 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # F-1701
Description  Multi Purpose Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

F-1701 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  F-1701 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
.500
(12.70)
MAX.
MAX.
.300
(7.62)
TYP.
.120
(3.05)
MIN.
TYP.
.100
(2.54)
TYP.
.020 DIA.
24 AWG
(0.51)
.300
(7.62)
MAX.
.400
(10.16)
.250
(6.35)
1 OF 1
1/31/03
F-1701
Multi Purpose
Common Mode Choke
(2 Coils, 4 Data lines)
Pri. Ind.
DCR
Hi-Pot
Common Mode Attenuation (dB)
Part
OCL, Min. Max.
Min.
Number
(
µH )
(
Ω )
V
RMS
100k
1M
10M
30M
50M
100M
300M
500M
F-1701
50
0.30
500
1
14
28
33
34
32
20
13
Operating Temperature Range: 0 oC to +70 oC
Electrical Specifications at 25o C
Physical
Dimensions
inches (mm)
Schematic
Diagram
27
1
8
45
3
6


Similar Part No. - F-1701

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-1702 RHOMBUS-IND-F-1702 Datasheet
18Kb / 1P
   Multi Purpose Common Mode Choke
More results

Similar Description - F-1701

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-1702 RHOMBUS-IND-F-1702 Datasheet
18Kb / 1P
   Multi Purpose Common Mode Choke
logo
Pulse A Technitrol Comp...
WC707 PULSE-WC707 Datasheet
617Kb / 4P
   Multi-Layer Common Mode Chip Choke
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com