Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4089EDJC-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4089EDJC-1
Description  USB Power Manager with High Voltage Switching Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089EDJC-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4089EDJC-1 Datasheet HTML 7Page - Linear Technology LTC4089EDJC-1 Datasheet HTML 8Page - Linear Technology LTC4089EDJC-1 Datasheet HTML 9Page - Linear Technology LTC4089EDJC-1 Datasheet HTML 10Page - Linear Technology LTC4089EDJC-1 Datasheet HTML 11Page - Linear Technology LTC4089EDJC-1 Datasheet HTML 12Page - Linear Technology LTC4089EDJC-1 Datasheet HTML 13Page - Linear Technology LTC4089EDJC-1 Datasheet HTML 14Page - Linear Technology LTC4089EDJC-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4089-1
11
40891f
OPERATIO
The LTC4089-1 is a complete PowerPath™ controller
for battery powered USB applications. The LTC4089-1
is designed to receive power from a low voltage source
(e.g., USB or 5V wall adapter), a high voltage source (e.g.,
FireWire/IEEE1394, automotive battery, 12V wall adapter,
etc.), and a single-cell Li-Ion battery. It can then deliver
power to an application connected to the OUT pin and a
batteryconnectedtotheBATpin(assumingthatanexternal
supply other than the battery is present). Power supplies
that have limited current resources (such as USB VBUS
supplies) should be connected to the IN pin which has a
programmable current limit. Battery charge current will
be adjusted to ensure that the sum of the charge current
and load current does not exceed the programmed input
current limit (see Figure 1).
An ideal diode function provides power from the battery
whenoutput/loadcurrentexceedstheinputcurrentlimitor
when input power is removed. Powering the load through
the ideal diode instead of connecting the load directly to
the battery allows a fully charged battery to remain fully
charged until external power is removed. Once external
power is removed the output drops until the ideal diode is
forward biased. The forward biased ideal diode will then
provide the output power to the load from the battery.
The LTC4089-1 also includes a high voltage switching
regulator which has the ability to receive power from a
high voltage input. This input takes priority over the USB
VBUS input (i.e., if both HVIN and IN are present, load
current and charge current will be delivered via the high
voltage path). When enabled, the high voltage regulator
regulates the HVOUT voltage using a 750kHz constant
frequency, current mode regulator. An external PFET be-
tween HVOUT (drain) and OUT (source) is turned on via
the HVPR pin allowing OUT to charge the battery and/or
supply power to the application. The LTC4089-1 provides
a fixed 5V output.
Input Current Limit
Whenever the input power path is enabled (i.e., SUSP =
0V and HVIN = 0V) and power is available at IN, power
is delivered to OUT. The current limit and charger control
circuits of the LTC4089-1 are designed to limit input cur-
rent as well as control battery charge current as a function
(Refer to Block Diagram)
HVOUT
OUT
GATE
BAT
BAT
OUT
HVPR
4089-1 F01
+
EDA
19
D1
L1
CC/CV REGULATOR
CHARGER
HIGH VOLTAGE
BUCK REGULATOR
USB CURRENT LIMIT
ENABLE
+
+
21
21
21
C1
HVIN
IN
Q1
SW
25mV
25mV
IDEAL
DIODE
4.25V (RISING)
3.15V (FALLING)
75mV (RISING)
25mV (FALLING)
+
LOAD
LI-ION
+–
Figure 1. Simplified PowerPath Block Diagram
PowerPath is a registered trademark of Linear Technology Corporation.


Similar Part No. - LTC4089EDJC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089EDJC-5 LINER-LTC4089EDJC-5 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results

Similar Description - LTC4089EDJC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4088-1 LINER-LTC4088-1_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4088-2 LINER-LTC4088-2_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com