Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4085EDE-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4085EDE-PBF
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085EDE-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4085EDE-PBF Datasheet HTML 7Page - Linear Technology LTC4085EDE-PBF Datasheet HTML 8Page - Linear Technology LTC4085EDE-PBF Datasheet HTML 9Page - Linear Technology LTC4085EDE-PBF Datasheet HTML 10Page - Linear Technology LTC4085EDE-PBF Datasheet HTML 11Page - Linear Technology LTC4085EDE-PBF Datasheet HTML 12Page - Linear Technology LTC4085EDE-PBF Datasheet HTML 13Page - Linear Technology LTC4085EDE-PBF Datasheet HTML 14Page - Linear Technology LTC4085EDE-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4085
11
4085fc
The LTC4085 is a complete PowerPath controller for bat-
tery powered USB applications. The LTC4085 is designed
to receive power from a USB source, a wall adapter, or a
battery. It can then deliver power to an application con-
nected to the OUT pin and a battery connected to the
BAT pin (assuming that an external supply other than the
battery is present). Power supplies that have limited cur-
rent resources (such as USB VBUS supplies) should be
connected to the IN pin which has a programmable current
limit. Battery charge current will be adjusted to ensure that
the sum of the charge current and load current does not
exceed the programmed input current limit.
An ideal diode function provides power from the battery
when output/load current exceeds the input current limit or
when input power is removed. Powering the load through
the ideal diode instead of connecting the load directly to
the battery allows a fully charged battery to remain fully
charged until external power is removed. Once external
power is removed the output drops until the ideal diode is
forward biased. The forward biased ideal diode will then
provide the output power to the load from the battery.
Furthermore, powering switching regulator loads from the
OUT pin (rather than directly from the battery) results in
shorter battery charge times. This is due to the fact that
switching regulators typically require constant input power.
When this power is drawn from the OUT pin voltage (rather
than the lower BAT pin voltage) the current consumed
by the switching regulator is lower leaving more current
available to charge the battery.
The LTC4085 also has the ability to receive power from
a wall adapter. Wall adapter power can be connected to
the output (load side) of the LTC4085 through an exter-
nal device such as a power Schottky or FET, as shown in
Figure 1. The LTC4085 has the unique ability to use the
output, which is powered by the wall adapter, as a path
to charge the battery while providing power to the load. A
wall adapter comparator on the LTC4085 can be configured
to detect the presence of the wall adapter and shut off the
connection to the USB to prevent reverse conduction out
to the USB bus.
OPERATION


Similar Part No. - LTC4085EDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085EDE-1-PBF LINER-LTC4085EDE-1-PBF Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085EDE-1-TRPBF LINER-LTC4085EDE-1-TRPBF Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
More results

Similar Description - LTC4085EDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com