Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-1452 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1452
Description  ISDN S Interface Common Mode Choke
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 OF 1
11/30/96
F-1452
ISDN S Interface
Common Mode Choke
PARAMETER
MIN.
MAX.
UNITS
*Open Circuit Inductance
22.5
µHy
*Leakage Inductance
0.23
µHy
*Interwinding Capacitance (C
W/W)
17
pF
DC Resistance (any winding)
0.3
ohms
Impedance @ 1 MHz
0.2
K
Impedance @ 5 MHz
0.9
K
Impedance @ 10 MHz
1.2
K
Impedance @20 MHz
2.0
K
Isolation (HI-POT)
500
V
RMS
*TEST CONDITIONS:
Oscillation Voltage = 100mV
Oscillation Frequency = 100.0 KHz
Inductance measured on 1 winding.
Turns Ratio ( + 1% )
1:1:1:1
SCHEMATIC
DIAGRAM
Flammability: Materials used
in the production of these
units are UL94-VO and meet
requirements of IEC 695-2-2
needle flame test.
PHYSICAL DIMENSIONS
inches (mm)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-1421ISDN S Interface Common Mode Choke 1 Rhombus Industries Inc.
CBM6068Common Mode Choke Coils 1 Sumida Corporation
CPFC75DC COMMON MODE CHOKE COIL 1 Sumida Corporation
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
EPA3393Common Mode Choke 1 PCA ELECTRONICS INC.
CLP82_06DC COMMON MODE CHOKE COIL 1 2 Sumida Corporation
F-139Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
CLP42-151DC COMMON MODE CHOKE COIL Type:CLP Series> 1 Sumida Corporation
F-172Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
7116Through Hole Common Mode Choke 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl