Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4081EDD-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4081EDD-PBF
Description  500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4081EDD-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4081EDD-PBF Datasheet HTML 4Page - Linear Technology LTC4081EDD-PBF Datasheet HTML 5Page - Linear Technology LTC4081EDD-PBF Datasheet HTML 6Page - Linear Technology LTC4081EDD-PBF Datasheet HTML 7Page - Linear Technology LTC4081EDD-PBF Datasheet HTML 8Page - Linear Technology LTC4081EDD-PBF Datasheet HTML 9Page - Linear Technology LTC4081EDD-PBF Datasheet HTML 10Page - Linear Technology LTC4081EDD-PBF Datasheet HTML 11Page - Linear Technology LTC4081EDD-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4081
8
4081f
200
μs/DIV
VOUT
1V/DIV
VEN_BUCK
5V/DIV
4081 G28
0V
0V
50
μs/DIV
VOUT
20mV/DIV
AC COUPLED
ILOAD
250mA/DIV
0mA
4081 G25
Output Voltage Transient
Step Response (Burst Mode
Operation)
Charger VPROG Soft-Start
Output Voltage Transient
Step Response (PWM Mode)
Output Voltage Waveform
when Switching Between Burst
and PWM Mode (ILOAD = 10mA)
Buck VOUT Soft-Start
(ILOAD = 50mA)
50
μs/DIV
VOUT
50mV/DIV
AC COUPLED
VMODE
5V/DIV
4081 G27
0V
50
μs/DIV
VOUT
20mV/DIV
AC COUPLED
ILOAD
50mA/DIV
4081 G26
0mA
50
μs/DIV
VPROG
200mV/DIV
4081 G29
0V
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, VCC = 5V, VBAT = 3.8V, unless otherwise
specified)


Similar Part No. - LTC4081EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
More results

Similar Description - LTC4081EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4080 LINER-LTC4080 Datasheet
256Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com