Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4080XEMSE-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4080XEMSE-TRPBF
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080XEMSE-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4080XEMSE-TRPBF Datasheet HTML 1Page - Linear Technology LTC4080XEMSE-TRPBF Datasheet HTML 2Page - Linear Technology LTC4080XEMSE-TRPBF Datasheet HTML 3Page - Linear Technology LTC4080XEMSE-TRPBF Datasheet HTML 4Page - Linear Technology LTC4080XEMSE-TRPBF Datasheet HTML 5Page - Linear Technology LTC4080XEMSE-TRPBF Datasheet HTML 6Page - Linear Technology LTC4080XEMSE-TRPBF Datasheet HTML 7Page - Linear Technology LTC4080XEMSE-TRPBF Datasheet HTML 8Page - Linear Technology LTC4080XEMSE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4080X
2
4080Xf
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4080XEDD#PBF
LTC4080XEMSE#PBF
LTC4080XEDD#TRPBF
LTC4080XEMSE#TRPBF
LCVV
LTCVW
10-Lead (3mm × 3mm) DFN
10-Lead Plastic MSE
0°C to 70°C
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VCC, t < 1ms and Duty Cycle < 1%.............. – 0.3V to 7V
VCC Steady State ......................................... – 0.3V to 6V
BAT,
⎯C⎯H⎯R⎯G .................................................. – 0.3V to 6V
⎯E⎯N⎯_⎯C⎯H⎯R⎯G, PROG, ⎯A⎯C⎯P⎯R.................– 0.3V to VCC + 0.3V
MODE, EN_BUCK .......................... – 0.3V to VBAT + 0.3V
FB ............................................................... – 0.3V to 2V
(Note 1)
ABSOLUTE
AXI U
RATI GS
BAT Short-Circuit Duration............................ Continuous
BAT Pin Current ...................................................800mA
PROG Pin Current ....................................................2mA
Junction Temperature .......................................... .125°C
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range.................. – 65°C to 125°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
BAT
VCC
EN_CHRG
PROG
ACPR
SW
EN_BUCK
MODE
FB
CHRG
11
TJMAX = 110°C, θJA = 43°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
BAT
VCC
EN_CHRG
PROG
ACPR
10
9
8
7
6
11
SW
EN_BUCK
MODE
FB
CHRG
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB


Similar Part No. - LTC4080XEMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080X LINER-LTC4080X Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
More results

Similar Description - LTC4080XEMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080 LINER-LTC4080 Datasheet
256Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com