Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4080XEMSE-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4080XEMSE-PBF
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080XEMSE-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4080XEMSE-PBF Datasheet HTML 2Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 3Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 4Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 5Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 6Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 7Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 8Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 9Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4080X
6
4080Xf
20
25
35
15
10
5
0
30
4080
X G17
BATTERY VOLTAGE (V)
2.5
4.5
3.0
3.5
4.0
IOUT = 1mA
VOUT = 1.8V
L = 10
µH
TEMPERATURE (
°C)
0.80
0.90
1.05
0.85
1.00
0.95
4080
X G10
–50
30
–10
–30
50
70
10
90
BATTERY VOLTAGE (V)
2.5
2.26
2.27
2.28
4.0
4080
X G11
2.25
2.24
3.0
3.5
4.5
2.23
2.22
TEMPERATURE (
°C)
–60
1.8
1.9
2.0
2.1
2.2
–20
20
60
100
2.3
2.4
–40
0
40
80
4080
X G12
VBAT = 2.7V
VBAT = 4.5V
VBAT = 3.8V
LOAD CURRENT (mA)
0.01
40
60
80
0.1
10
100
1
1000
20
0
100
1
10
100
0.1
0.01
1000
4080
X G13
VBAT = 3.8V
VOUT = 1.8V
L = 10
µH
C = 4.7
µF
EFFICIENCY
(Burst)
POWER LOSS
(Burst)
EFFICIENCY
(PWM)
POWER
LOSS
(PWM)
BATTERY VOLTAGE (V)
2.5
1.780
1.785
1.790
1.795
1.800
1.805
1.810
3.0
3.5
4.0
4.5
4080
X G14
PWM MODE
IOUT = 1mA
VOUT SET FOR 1.8V
Burst Mode
OPERATION
TEMPERATURE (˚C)
–50
1.800
1.805
1.810
10
50
1.795
1.790
–30
–10
30
70
90
1.785
1.780
4080
X G15
PWM MODE
Burst Mode
OPERATION
IOUT = 1mA
VOUT SET FOR 1.8V
No-Load Buck Input Current
(Burst Mode Operation)
vs Battery Voltage
Normalized Charge Termination
Time vs Temperature
Buck Oscillator Frequency
vs Battery Voltage
Buck Oscillator Frequency
vs Temperature
Buck Efficiency vs Load Current
(VOUT = 1.8V)
Buck Output Voltage
vs Battery Voltage
Buck Output Voltage
vs Temperature
70
40
20
10
0
80
60
50
30
4080
X G09
ICHRG, IACPR = 5mA
TEMPERATURE (
°C)
–50
30
–10
–30
50
70
10
90
⎯C⎯H⎯R⎯G and ⎯A⎯C⎯P⎯R Pin Output
Low Voltage vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, VCC = 5V, VBAT = 3.8V, unless otherwise
specified)
Buck Efficiency vs Load Current
(VOUT = 1.5V)
LOAD CURRENT (mA)
0.01
40
60
80
0.1
10
100
1
1000
20
0
100
1
10
100
0.1
0.01
1000
4080
X G13a
VBAT = 3.8V
VOUT = 1.5V
L = 10
µH
C = 4.7
µF
EFFICIENCY
(Burst)
POWER LOSS
(Burst)
EFFICIENCY
(PWM)
POWER
LOSS
(PWM)


Similar Part No. - LTC4080XEMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080X LINER-LTC4080X Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
More results

Similar Description - LTC4080XEMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080 LINER-LTC4080 Datasheet
256Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com