Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4080EMSE-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4080EMSE-TRPBF
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080EMSE-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4080EMSE-TRPBF Datasheet HTML 1Page - Linear Technology LTC4080EMSE-TRPBF Datasheet HTML 2Page - Linear Technology LTC4080EMSE-TRPBF Datasheet HTML 3Page - Linear Technology LTC4080EMSE-TRPBF Datasheet HTML 4Page - Linear Technology LTC4080EMSE-TRPBF Datasheet HTML 5Page - Linear Technology LTC4080EMSE-TRPBF Datasheet HTML 6Page - Linear Technology LTC4080EMSE-TRPBF Datasheet HTML 7Page - Linear Technology LTC4080EMSE-TRPBF Datasheet HTML 8Page - Linear Technology LTC4080EMSE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4080
2
4080fb
VCC, t < 1ms and Duty Cycle < 1%.............. – 0.3V to 7V
VCC Steady State ......................................... – 0.3V to 6V
BAT,
⎯C⎯H⎯R⎯G .................................................. – 0.3V to 6V
⎯E⎯N⎯_⎯C⎯H⎯R⎯G, PROG, ⎯A⎯C⎯P⎯R.................– 0.3V to V
CC + 0.3V
MODE, EN_BUCK .......................... – 0.3V to VBAT + 0.3V
FB ............................................................... – 0.3V to 2V
BAT Short-Circuit Duration............................ Continuous
(Note 1)
The
denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C, VCC = 5V, VBAT = 3.8V, V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 0V, VEN_BUCK = VBAT, VMODE = 0V. (Note 2)
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
(Note 4)
3.75
5
5.5
V
VBAT
Input Voltage for the Switching
Regulator
(Note 5)
2.7
3.8
4.5
V
ICC
Quiescent Supply Current (Charger On,
Switching Regulator Off)
VBAT = 4.5V (Forces IBAT and IPROG = 0),
VEN_BUCK = 0
110
300
μA
ICC_SD
Supply Current in Shutdown (Both
Battery Charger and Switching
Regulator Off)
V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 5V, VEN_BUCK = 0, VCC > VBAT
V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 4V, VEN_BUCK = 0, VCC (3.5V) <
VBAT (4V)
5
2
10
μA
μA
IBAT_SD
Battery Current in Shutdown (Both
Battery Charger and Switching
Regulator Off)
V⎯E⎯⎯N⎯_⎯C⎯H⎯R⎯G = 5V, VEN_BUCK = 0, VCC > VBAT
V⎯E⎯⎯N⎯_⎯C⎯H⎯R⎯G = 4V, VEN_BUCK = 0, VCC (3.5V) <
VBAT (4V)
0.6
2
5μA
μA
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
BAT
VCC
EN_CHRG
PROG
ACPR
SW
EN_BUCK
MODE
FB
CHRG
11
TJMAX = 110°C, θJA = 43°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
BAT
VCC
EN_CHRG
PROG
ACPR
10
9
8
7
6
SW
EN_BUCK
MODE
FB
CHRG
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
BAT Pin Current ...................................................800mA
PROG Pin Current ....................................................2mA
Junction Temperature .......................................... .125°C
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Storage Temperature Range.................. – 65°C to 125°C
Lead Temperature (MSE, Soldering, 10 sec)......... 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4080EDD#PBF
LTC4080EDD#TRPBF
LBXD
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4080EMSE#PBF
LTC4080EMSE#TRPBF
LTCQH
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION


Similar Part No. - LTC4080EMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080X LINER-LTC4080X Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080XEDD-PBF LINER-LTC4080XEDD-PBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEDD-TRPBF LINER-LTC4080XEDD-TRPBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEMSE-PBF LINER-LTC4080XEMSE-PBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
More results

Similar Description - LTC4080EMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com