Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4080EMSE-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4080EMSE-PBF
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080EMSE-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4080EMSE-PBF Datasheet HTML 1Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 2Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 3Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 4Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 5Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 6Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 7Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 8Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4080
4
4080fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RON_P
PMOS Switch On-Resistance
0.95
Ω
RON_N
NMOS Switch On-Resistance
0.85
Ω
ILIM_P
PMOS Switch Current Limit
375
520
700
mA
ILIM_N
NMOS Switch Current Limit
700
mA
IZERO_CF
NMOS Zero Current in Normal Mode
15
mA
IPEAK
Peak Current in Burst Mode Operation
MODE = VBAT
50
100
150
mA
IZERO_BM
Zero Current in Burst Mode Operation
MODE = VBAT
20
35
50
mA
tSS_BUCK
Buck Soft-Start Time
From the Rising Edge of EN_BUCK to 90%
of Buck Regulated Output
400
μs
Logic
VIH
Input High Voltage
⎯E⎯N⎯_⎯C⎯H⎯R⎯G, EN_BUCK, MODE Pin Low to High
1.2
V
VIL
Input Low Voltage
⎯E⎯N⎯_⎯C⎯H⎯R⎯G, EN_BUCK, MODE Pin High to Low
0.4
V
VOL
Output Low Voltage (⎯C⎯H⎯R⎯G, ⎯A⎯C⎯P⎯R)
ISINK = 5mA
60
105
mV
IIH
Input Current High
EN_BUCK, MODE Pins at 5.5V, VBAT = 5V
–1
1
μA
IIL
Input Current Low
⎯E⎯N⎯_⎯C⎯H⎯R⎯G, EN_BUCK, MODE Pins at GND
–1
1
μA
R⎯E⎯N⎯_⎯C⎯H⎯R⎯G
⎯E⎯N⎯_⎯C⎯H⎯R⎯G Pin Input Resistance
V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 5V
11.7
3.3
M
Ω
I⎯C⎯H⎯R⎯G
⎯⎯C⎯H⎯R⎯G Pin Leakage Current
VBAT = 4.5V, V⎯C⎯H⎯R⎯G = 5V
1μA
I⎯A⎯C⎯P⎯R
⎯A⎯C⎯P⎯R Pin Leakage Current
VCC = 3V, V⎯C⎯H⎯R⎯G = 5V
1μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4080 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
43°C/W.
The
denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C, VCC = 5V, VBAT = 3.8V, V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 0V, VEN_BUCK = VBAT, VMODE = 0V. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 4: Although the LTC4080 charger functions properly at 3.75V, full
charge current requires an input voltage greater than the desired final
battery voltage per
ΔVUVCL1 specification.
Note 5: The 2.8V maximum buck undervoltage lockout (VUVLO_BUCK) exit
threshold must first be exceeded before the minimum VBAT specification
applies.
Note 6: IC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.


Similar Part No. - LTC4080EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080X LINER-LTC4080X Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080XEDD-PBF LINER-LTC4080XEDD-PBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEDD-TRPBF LINER-LTC4080XEDD-TRPBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEMSE-PBF LINER-LTC4080XEMSE-PBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
More results

Similar Description - LTC4080EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com