Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4080EMSE-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4080EMSE-PBF
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080EMSE-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4080EMSE-PBF Datasheet HTML 5Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 6Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 7Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 8Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 9Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 10Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 11Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 12Page - Linear Technology LTC4080EMSE-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4080
9
4080fb
PI FU CTIO S
BAT (Pin 1): Charge Current Output and Buck Regulator
Input. Provides charge current to the battery and regulates
the final float voltage to 4.2V. An internal precision resistor
divider from this pin sets the float voltage and is disconnected
in charger shutdown mode. This pin should be decoupled
with a low ESR capacitor for low-noise buck operation.
VCC(Pin2):PositiveInputSupplyVoltage.Thispinprovides
power to the battery charger. VCC can range from 3.75V
to 5.5V. This pin should be bypassed with at least a 1μF
capacitor. When VCC is less than 32mV above the BAT pin
voltage, the battery charger enters shutdown mode.
⎯E⎯N⎯_⎯C⎯H⎯R⎯G(Pin3):EnableInputPinfortheBatteryCharger.
Pulling this pin above the manual shutdown threshold
(VIH) puts the LTC4080 charger in shutdown mode, thus
stopping the charge cycle. In battery charger shutdown
mode, the LTC4080 has less than 10μA supply current and
less than 5μA battery drain current if the regulator is not
running. Enable is the default state, but the pin should be
tied to GND if unused.
PROG (Pin 4): Charge Current Program and Charge
Current Monitor Pin. Connecting a 1% resistor, RPROG, to
ground programs the charge current. When charging in
constant-current mode, this pin servos to 1V. In all modes,
the voltage on this pin can be used to measure the charge
current using the following formula:
I
V
R
BAT
PROG
PROG
=
•40 0
⎯A⎯C⎯P⎯R (Pin 5): Open-Drain Power Supply Status Output.
When VCC is greater than the undervoltage lockout
threshold (3.6V) and greater than VBAT + 80mV, the ⎯A⎯C⎯P⎯R
pin will be pulled to ground; otherwise the pin is high
impedance.
⎯C⎯H⎯R⎯G (Pin 6): Open-Drain Charge Status Output. The
charge status indicator pin has three states: pulldown,
high impedance state, and pulse at 2Hz. This output can
be used as a logic interface or as an LED driver. When the
battery is being charged, the
⎯C⎯H⎯R⎯G pin is pulled low by an
internal N-channel MOSFET. When the charge current drops
to 10% of the full-scale current, the
⎯C⎯H⎯R⎯G pin is forced to
a high impedance state. When the battery voltage remains
below 2.9V for one quarter of the full charge time, the
battery is considered defective, and the
⎯C⎯H⎯R⎯G pin pulses
at a frequency of 2Hz with 75% duty cycle.
FB (Pin 7): Feedback Pin for the Buck Regulator. A resistor
divider from the regulator’s output to the FB pin programs
the output voltage. Servo value for this pin is 0.8V.
MODE (Pin 8): Burst Mode Enable Pin. Tie this pin high
to force the LTC4080 regulator into Burst Mode operation
for all load conditions. Tie this pin low to force constant-
frequency mode operation for all load conditions. Do not
float this pin.
EN_BUCK (Pin 9): Enable Input Pin for the Switching
Regulator. Pull this pin high to enable the regulator, pull
low to shut down. Do not float this pin.
SW (Pin 10): Switch Pin for the Buck Regulator. Minimize
the length of the metal trace connected to this pin. Place
the inductor as close to this pin as possible.
GND (Pin 11): Ground. This pin is the back of the Exposed
Pad package and must be soldered to the PCB for electrical
connection and rated thermal performance.


Similar Part No. - LTC4080EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080X LINER-LTC4080X Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080XEDD-PBF LINER-LTC4080XEDD-PBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEDD-TRPBF LINER-LTC4080XEDD-TRPBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEMSE-PBF LINER-LTC4080XEMSE-PBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
More results

Similar Description - LTC4080EMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com