Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873IDDB-5-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3873IDDB-5-TR
Description  No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873IDDB-5-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3873IDDB-5-TR Datasheet HTML 7Page - Linear Technology LTC3873IDDB-5-TR Datasheet HTML 8Page - Linear Technology LTC3873IDDB-5-TR Datasheet HTML 9Page - Linear Technology LTC3873IDDB-5-TR Datasheet HTML 10Page - Linear Technology LTC3873IDDB-5-TR Datasheet HTML 11Page - Linear Technology LTC3873IDDB-5-TR Datasheet HTML 12Page - Linear Technology LTC3873IDDB-5-TR Datasheet HTML 13Page - Linear Technology LTC3873IDDB-5-TR Datasheet HTML 14Page - Linear Technology LTC3873IDDB-5-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3873-5
11
38735fb
Input Capacitors
The input capacitor of a boost converter is less critical due
to the fact that the input current waveform is triangular, and
does not contain large square wave currents as found in
the output capacitor. The input voltage source impedance
determines the size of the capacitor that is typically 10μF to
100μF. A low ESR is recommended although not as critical
as the output capacitor can be on the order of 0.3
Ω.
The RMS input ripple current for a boost converter is:
I
V
Lf
D
RMS CIN
IN MIN
MAX
()
()
.•
= 03
Please note that the input capacitor can see a very high
surge current when a battery is suddenly connected to the
input of the converter and solid tantalum capacitors can
fail catastrophically under these conditions.
In a flyback converter, the input flows in pulses placing
severe demands on the input capacitors. Select an input
capacitor with a ripple current rating greater than:
I
P
V
D
D
RMS
IN
IN MIN
MAX
MAX
=
()
1
Duty Cycle Considerations
The LTC3873-5 imposes a maximum duty cycle limit of
80% typical. For a flyback converter, the maximum duty
cycle prevents the transformer core from saturation. In
a boost converter application, however, it sets a limit on
the maximum step-up ratio or maximum output voltage
with the given input voltage of:
V
V
V
OUT MAX
IN MIN
D
()
()
–. %
=
10 8
Current and voltage stress on the power switch and
synchronous rectifiers, input and output capacitor RMS
currents and transformer utilization (size vs power) are
impacted by duty factor. Unfortunately duty factor can-
not be adjusted to simultaneously optimize all of these
requirements. In general, avoid extreme duty factors since
this severely impacts the current stress on most of the
components. A reasonable target for duty factor is 50% at
nominal input voltage. Using this rule of thumb, the ideal
transformer turns ratio is:
N
V
V
D
D
V
V
IDEAL
OUT
IN
OUT
IN
==
1
Output Diode Selection
To maximize efficiency, a fast switching diode with low
forward drop and low reverse leakage is desired. The output
diode in a boost converter conducts current during the
switch off-time. The peak reverse voltage that the diode
must withstand is equal to the regulator output voltage.
The average forward current in normal operation is equal
to the output current, and the peak current is equal to the
peak inductor current.
APPLICATIONS INFORMATION


Similar Part No. - LTC3873IDDB-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB LINER-LTC3873EDDB Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873IDDB-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com