Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873ETS8-5-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3873ETS8-5-TR
Description  No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873ETS8-5-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3873ETS8-5-TR Datasheet HTML 4Page - Linear Technology LTC3873ETS8-5-TR Datasheet HTML 5Page - Linear Technology LTC3873ETS8-5-TR Datasheet HTML 6Page - Linear Technology LTC3873ETS8-5-TR Datasheet HTML 7Page - Linear Technology LTC3873ETS8-5-TR Datasheet HTML 8Page - Linear Technology LTC3873ETS8-5-TR Datasheet HTML 9Page - Linear Technology LTC3873ETS8-5-TR Datasheet HTML 10Page - Linear Technology LTC3873ETS8-5-TR Datasheet HTML 11Page - Linear Technology LTC3873ETS8-5-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3873-5
8
38735fb
OPERATION
VTURNON (nominally 4.1V) at least momentarily to enable
LTC3873-5 operation. The VCCvoltageisthenallowedtofall
to VTURNOFF (nominally 2.9V) before undervoltage lockout
disables the LTC3873-5. The RUN/SS pin can be driven
below VSHDN (nominally 0.7V) to force the LTC3873-5 into
shutdown. When the chip is off, the input supply current is
typically only 50μA. Keep in mind that VCC should exceed
the gate threshold voltage of the switching MOSFET for
safe operation.
Soft-Start
Leave the RUN/SS pin open to use the internal 3.3ms
soft-start. During the internal soft-start, a voltage ramp
limits the VITH. 3.3ms is required for ITH to ramp from
zero current level to full current level. The soft-start can
be lengthened by placing an external capacitor from the
RUN/SS pin to the GND. A 3μA current will charge the
capacitor, pulling the RUN/SS pin above the shutdown
threshold and a 15μA pull-up current will continue to ramp
RUN/SS to limit VITH during the start-up. When RUN/SS
is driven by an external logic, a minimum of 2.75V logic
is recommended to allow the maximum ITH range.
Light Load Operation
Under very light load current conditions, the ITH pin voltage
will be very close to 0.85V. As the load current decreases
further, an internal offset at the current comparator input
will assure that the current comparator remains tripped
(even at zero load current) and the regulator will start to
skip cycles in order to maintain regulation. This behavior
allows the regulator to maintain constant frequency down
to very light loads, resulting in low output ripple as well
as low audible noise and reduced RF interference while
providing high light load efficiency.
Current Sense
During the switch on-time, the control circuit limits the
maximum voltage drop across the current sense com-
ponent to about 295mV, 110mV and 185mV at low duty
cycle with IPRG tied to VIN, GND or left floating respec-
tively. It is reduced with increasing duty cycle as shown
in Figure 4.
Figure 4. Maximum SENSE Threshold Voltage vs Duty Cycle
DUTY CYCLE (%)
1
0
50
100
150
200
250
300
20
40
60
80
3873-5 F04
100
IPRG = HIGH
IPRG = FLOAT
IPRG = LOW


Similar Part No. - LTC3873ETS8-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873ETS8-PBF LINER-LTC3873ETS8-PBF Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873ETS8-TR LINER-LTC3873ETS8-TR Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873ETS8-TRPBF LINER-LTC3873ETS8-TRPBF Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873ETS8-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com