Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4078X Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4078X
Description  Dual Input Li-Ion Battery Charger with Overvoltage Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4078X Datasheet(HTML) 4 Page - Linear Technology

  LTC4078X Datasheet HTML 1Page - Linear Technology LTC4078X Datasheet HTML 2Page - Linear Technology LTC4078X Datasheet HTML 3Page - Linear Technology LTC4078X Datasheet HTML 4Page - Linear Technology LTC4078X Datasheet HTML 5Page - Linear Technology LTC4078X Datasheet HTML 6Page - Linear Technology LTC4078X Datasheet HTML 7Page - Linear Technology LTC4078X Datasheet HTML 8Page - Linear Technology LTC4078X Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4078X
4
4078xf
IBAT (mA)
0
4.20
4.22
900
800
700
600
500
400
300
200
100
4078x G01
4.18
4.16
4.10
4.12
4.14
4.26
4.24
VDCIN = VUSBIN = 5V
RIDC = 1.24k
RIDC = RIUSB = 2k
TEMPERATURE (
°C)
–10
4.210
90
70
50
30
10
4078x G02
4.180
4.220
4.215
4.200
4.205
4.190
4.195
4.185
VDCIN = VUSBIN = 5V
TEMPERATURE (
°C)
–10
1.004
90
70
50
30
10
4078x G03
0.992
1.008
1.006
1.000
1.002
0.996
0.998
0.994
VDCIN = 5V
TEMPERATURE (
°C)
–10
1.004
90
70
50
30
10
4078x G04
0.992
1.008
1.006
1.000
1.002
0.996
0.998
0.994
VUSBIN = 5V
VIDC (V)
0
1.2
0.8
1.0
0.6
0.4
0.2
4078x G05
0
900
800
700
600
500
400
300
200
100
VDCIN = 5V
RIDC = 1.24k
RIDC = 2k
RIDC = 10k
VIUSB (V)
0
1.2
0.8
1.0
0.6
0.4
0.2
4078x G06
0
900
800
700
600
500
400
300
200
100
VUSBIN = 5V
RIUSB = 1.24k
RIUSB = 2k
RIUSB = 10k
VPWR (V)
0
6
5
14
3
2
4078x G07
0
60
50
40
30
20
10
VDCIN = VUSBIN = 5V
VCHRG (V)
0
6
5
14
3
2
4078x G08
0
60
50
40
30
20
10
VDCIN = VUSBIN = 5V
TYPICAL PERFORMANCE CHARACTERISTICS
IUSB Pin Voltage vs Temperature
(Constant-Current Mode)
Charge Current
vs IDC Pin Voltage
Charge Current
vs IUSB Pin Voltage
⎯P⎯W⎯R Pin I-V Curve
⎯C⎯H⎯R⎯G Pin I-V Curve
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
IDC Pin Voltage vs Temperature
(Constant-Current Mode)
TA = 25°C, unless otherwise specified.


Similar Part No. - LTC4078X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
More results

Similar Description - LTC4078X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078 LINER-LTC4078 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
logo
Microchip Technology
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73213 MICROCHIP-MCP73213_14 Datasheet
620Kb / 34P
   Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
logo
Intersil Corporation
ISL9228 INTERSIL-ISL9228 Datasheet
181Kb / 11P
   Dual Input Li-ion/Li-Polymer Battery Charger With Battery Removal Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com