Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4077EDD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4077EDD
Description  Dual Input Standalone Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4077EDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4077EDD Datasheet HTML 2Page - Linear Technology LTC4077EDD Datasheet HTML 3Page - Linear Technology LTC4077EDD Datasheet HTML 4Page - Linear Technology LTC4077EDD Datasheet HTML 5Page - Linear Technology LTC4077EDD Datasheet HTML 6Page - Linear Technology LTC4077EDD Datasheet HTML 7Page - Linear Technology LTC4077EDD Datasheet HTML 8Page - Linear Technology LTC4077EDD Datasheet HTML 9Page - Linear Technology LTC4077EDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4077
6
4077f
HPWR Pin Pulldown Resistance
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
Battery Drain Current
vs Temperature
Recharge Threshold
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Charge Current at Turn-On and
Turn-Off
USBIN Shutdown Current vs
Temperature
EN Pin Pulldown Resistance vs
Temperature
TEMPERATURE (
°C)
–50
–25
050
25
75
100
4.30
4.25
4.20
4.15
4.10
4.05
4.00
3.95
3.90
4077 G20
DCIN UVLO
USBIN UVLO
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4.16
4.14
4.12
4.10
4.08
4.06
4.04
VDCIN = VUSBIN = 4.3V
VDCIN = VUSBIN = 8V
4077 G21
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
45
40
35
30
25
20
15
10
5
0
4077 G17
VUSBIN = 8V
VUSBIN = 5V
VUSBIN = 4.3V
EN = 5V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
4077 G18
2.8
2.6
2.4
2.2
2.0
1.8
1.6
4077 G19
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
2.8
2.6
2.4
2.2
2.0
1.8
1.6
4077 G22
TEMPERATURE (
°C)
–50
5
4
3
2
1
0
–1
–25
025
50
75
100
VBAT = 4.2V
VDCIN, VUSBIN (OPEN)
4077 G23
VDCIN = 5V
RIDC = 1.25k
100
ms/DIV
IBAT
500mA/DIV
EN
5V/DIV


Similar Part No. - LTC4077EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4077EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com