Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862IGN-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3862IGN-TRPBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862IGN-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3862IGN-TRPBF Datasheet HTML 1Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 2Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 3Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 4Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LTC3862
5
3862fb
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
Efficiency and Power Loss vs
Input Voltage
Load Step
Inductor Current at Light Load
Quiescent Current vs Input
Voltage
LOAD CURRENT (mA)
10
70
75
80
85
90
100
1000
10000
3862 G01
65
60
55
50
95
100
VOUT = 48V
VIN = 35V
VIN = 24V
VIN = 12V
INPUT VOLTAGE (V)
0
90
91
92
93
94
95
96
1500
2000
2500
3000
3500
4000
10
20
30
40
3862 G02
EFFICIENCY
POWER LOSS
VOUT = 48V
IOUT = 1A
ILOAD
5A/DIV
1A TO 5A
IL1
5A/DIV
IL2
5A/DIV
VOUT
500mV/DIV
500μs/DIV
VIN = 24V
VOUT = 48V
3862 G03
SW1
50V/DIV
SW2
50V/DIV
IL1
2A/DIV
IL2
2A/DIV
1μs/DIV
VIN = 12V
VOUT = 48V
ILOAD = 100mA
3862 G04
INPUT VOLTAGE (V)
4
0
0.50
1.00
1.50
2.00
3.00
8
12
16
20
3862 G05
24
28
32
36
2.50
0.25
0.75
1.25
1.75
2.75
2.25
Quiescent Current vs Temperature
Shutdown Quiescent Current vs
Input Voltage
Shutdown Quiescent Current vs
Temperature
TEMPERATURE (°C)
–50
1.70
1.80
150
3862 G06
1.60
1.50
0
50
100
–25
25
75
125
1.90
1.65
1.75
1.55
1.85
INPUT VOLTAGE (V)
4
25
30
35
36
3862 G07
20
15
0
12
20
28
8
16
24
32
10
5
45
40
TEMPERATURE (°C)
–50
30
40
50
25
75
150
3862 G08
20
10
0
–25
0
50
100 125
VIN = 12V


Similar Part No. - LTC3862IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862IGN-1-PBF LINER-LTC3862IGN-1-PBF Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862IGN-1-TRPBF LINER-LTC3862IGN-1-TRPBF Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
More results

Similar Description - LTC3862IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com