Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862IGN-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3862IGN-TRPBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862IGN-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3862IGN-TRPBF Datasheet HTML 1Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 2Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 3Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 4Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC3862IGN-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC3862
1
3862fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Multi-Phase Current Mode
Step-Up DC/DC Controller
The LTC
®3862 is a two phase constant frequency, current
mode boost and SEPIC controller that drives N-channel
power MOSFETs. Two phase operation reduces system
filtering capacitance and inductance requirements. The 5V
gate drive is optimized for most automotive and industrial
grade power MOSFETs.
Adjustable slope compensation gain allows the user to fine-
tune the current loop gain, improving noise immunity.
The operating frequency can be set with an external resistor
over a 75kHz to 500kHz range and can be synchronized
to an external clock using the internal PLL. Multi-phase
operation is possible using the SYNC input, the CLKOUT
output and the PHASEMODE control pin allowing 2-, 3-,
4-, 6- or 12-phase operation.
Other features include an internal 5V LDO with undervoltage
lockout protection for the gate drivers, a precision RUN
pin threshold with programmable hysteresis, soft-start
and programmable leading edge blanking and maximum
duty cycle
n Wide VIN Range: 4V to 36V Operation
n 2-Phase Operation Reduces Input and Output
Capacitance
n Fixed Frequency, Peak Current Mode Control
n 5V Gate Drive for Logic-Level MOSFETs
n Adjustable Slope Compensation Gain
n Adjustable Max Duty Cycle (Up to 96%)
n Adjustable Leading Edge Blanking
n ±1% Internal Voltage Reference
n Programmable Operating Frequency with One
External Resistor (75kHz to 500kHz)
n Phase-Lockable Fixed Frequency 50kHz to 650kHz
n SYNC Input and CLKOUT for 2-, 3-, 4-, 6- or
12-Phase Operation (PHASEMODE Programmable)
n Internal 5V LDO Regulator
n 24-Lead Narrow SSOP Package
n 5mm
× 5mm QFN with 0.65mm Lead Pitch and
24-Lead Thermally Enhanced TSSOP Packages
n Automotive, Telecom and Industrial Power Supplies
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6144194, 6498466, 6611131.
VIN
LTC3862
SGND
GATE1
SENSE1+
RUN
84.5k
24.9k
66.5k
10nF
10k
475k
12.4k
68.1k
100pF
0.006Ω
0.006Ω
19.4μH
19.4μH
22μF
50V
220μF
50V
10nF
1nF
10nF
4.7μF
INTVCC
SS
3V8
ITH
FB
VOUT
48V
5A (MAX)
3862 TA01
VIN
5V TO 36V
BLANK
FREQ
SYNC
PLLFLTR
SENSE1
GATE2
SENSE2+
SENSE2
PGND
CLKOUT
SLOPE
DMAX
PHASEMODE
Efficiency vs Output Current
LOAD CURRENT (mA)
100
80
82
84
86
90
94
1000
10000
3862 TA01b
98
88
92
96
VOUT = 48V
VIN = 24V
VIN = 12V
VIN = 5V


Similar Part No. - LTC3862IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862IGN-1-PBF LINER-LTC3862IGN-1-PBF Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862IGN-1-TRPBF LINER-LTC3862IGN-1-TRPBF Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
More results

Similar Description - LTC3862IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com