Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4075EDD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4075EDD
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075EDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4075EDD Datasheet HTML 7Page - Linear Technology LTC4075EDD Datasheet HTML 8Page - Linear Technology LTC4075EDD Datasheet HTML 9Page - Linear Technology LTC4075EDD Datasheet HTML 10Page - Linear Technology LTC4075EDD Datasheet HTML 11Page - Linear Technology LTC4075EDD Datasheet HTML 12Page - Linear Technology LTC4075EDD Datasheet HTML 13Page - Linear Technology LTC4075EDD Datasheet HTML 14Page - Linear Technology LTC4075EDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4075/LTC4075X
11
4075Xf
The power supply status output (⎯P⎯W⎯R) has two states: pull-
down and high impedance. The pull-down state indicates
that power is present at either DCIN or USBIN. This output
is strong enough to drive an LED. If no power is applied at
either pin, the ⎯P⎯W⎯R pin is high impedance, indicating that
the LTC4075 lacks sufficient power to charge the battery.
The pull-down state is capable of sinking up to 10mA.
The USB power status output (USBPWR) has two states:
pull-down and high impedance. The high impedance
state indicates that the LTC4075 is being powered from
the USBIN input. The pull-down state indicates that the
charger is either powered from DCIN or is in a UVLO
condition (see Table 1). The pull-down state is capable of
sinking up to 1mA.
Thermal Limiting
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise above
a preset value of approximately 105°C. This feature protects
the LTC4075 from excessive temperature and allows the
user to push the limits of the power handling capability of
a given circuit board without risk of damaging the device.
The charge current can be set according to typical (not
worst-case) ambient temperature with the assurance that
the charger will automatically reduce the current in worst-
case conditions. DFN power considerations are discussed
further in the Applications Information section.
TRICKLE CHARGE
MODE*
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
SHUTDOWN
MODE
IUSBIN DROPS TO 18µA
CHRG STATE: Hi-Z
CHARGE
MODE
FULL CURRENT
CHRG STATE: PULLDOWN
CHARGE
MODE
FULL CURRENT
CHRG STATE: PULLDOWN
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN
MODE
IDCIN DROPS TO 20µA
CHRG STATE: Hi-Z
BAT > 2.9V
BAT < 2.9V
BAT < 2.9V
2.9V < BAT
2.9V < BAT
BAT > 2.9V
BAT < 4.1V
BAT < 4.1V
IBAT < ITERMINATE
IN VOLTAGE MODE
IBAT < ITERMINATE
IN VOLTAGE MODE
POWER SELECTION
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
TRICKLE CHARGE
MODE*
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
ENABLE
DRIVEN LOW
ENABLE
DRIVEN LOW
ENABLE
DRIVEN HIGH
DCIN POWER
REMOVED
DCIN POWER
REMOVED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
DCIN POWER APPLIED
ONLY USB POWER APPLIED
STARTUP
4075 F01
ENABLE
DRIVEN HIGH
*LTC4075 ONLY
Figure 1. LTC4075 State Diagram of a Charge Cycle
OPERATIO


Similar Part No. - LTC4075EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4075 LINER-LTC4075 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075HVX LINER-LTC4075HVX Datasheet
160Kb / 16P
   High Voltage Dual Input Li-Ion/Polymer Battery Charger
LTC4075HVXEDD LINER-LTC4075HVXEDD Datasheet
160Kb / 16P
   High Voltage Dual Input Li-Ion/Polymer Battery Charger
LTC4075HVX LINER-LTC4075HVX_15 Datasheet
181Kb / 16P
   High Voltage Dual Input Li-Ion/Polymer Battery Charger
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
More results

Similar Description - LTC4075EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com