Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4076 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 4 Page - Linear Technology

  LTC4076 Datasheet HTML 1Page - Linear Technology LTC4076 Datasheet HTML 2Page - Linear Technology LTC4076 Datasheet HTML 3Page - Linear Technology LTC4076 Datasheet HTML 4Page - Linear Technology LTC4076 Datasheet HTML 5Page - Linear Technology LTC4076 Datasheet HTML 6Page - Linear Technology LTC4076 Datasheet HTML 7Page - Linear Technology LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4076
4
4076fa
IUSB Pin Voltage vs Temperature
(Constant-Current Mode)
Charge Current vs IDC Pin
Voltage
Charge Current vs IUSB Pin
Voltage
PWR Pin I-V Curve
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
IDC Pin Voltage vs Temperature
(Constant-Current Mode)
TYPICAL PERFOR A CE CHARACTERISTICS
CHARGE CURRENT (mA)
0
800
500 600 700
400
4076 G01
100 200 300
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
RIDC = 1.25k
RIDC = RIUSB = 2k
VDCIN = VUSBIN = 5V
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4076 G02
4.220
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.180
VDCIN = VUSBIN = 5V
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4076 G03
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
VDCIN = 8V
VDCIN = 4.3V
4076 G04
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
VUSBIN = 8V
HPWR = 5V
VUSBIN = 4.3V
IUSB Pin Voltage vs Temperature
(Constant-Current Mode)
TEMPERATURE (
°C)
–50
25
75
4076 G24
–25
0
50
0.204
0.202
0.200
0.198
0.196
0.194
0.192
0.206
0.208
100
VUSBIN = 8V
HPWR = 0V
VUSBIN = 4.3V
VIDC (V)
0
0.2
0.6
1.0
0.8
900
800
700
600
500
400
300
200
100
0
4076 G05
0.4
1.2
VDCIN = 5V
RIDC = 1.25k
RIDC = 2k
RIDC = 10k
900
800
700
600
500
400
300
200
100
0
VIUSB (V)
0
0.2
0.6
1.0
0.8
0.4
1.2
4076 G06
VUSBIN = 5V
HPWR = 5V
RIUSB = 1.25k
RIUSB = 2k
RIUSB = 10k
Charge Current vs IUSB Pin
Voltage
VIUSBL (mV)
0
150
200
250
200
4076 G25
100
50
0
50
100
150
250
VUSBIN = 5V
HPWR = 0V
RIUSB = 1kΩ
RIUSB = 2kΩ
RIUSB = 4kΩ
VPWR (V)
0
35
30
25
20
15
10
5
0
3
5
4076 G07
1
2
4
6
7
VDCIN = VUSBIN = 5V
TA = –40°C
TA = 25°C
TA = 90°C


Similar Part No. - LTC4076

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4076 LINER-LTC4076 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4076

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com