Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4069EDC-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4069EDC-PBF
Description  Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069EDC-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4069EDC-PBF Datasheet HTML 5Page - Linear Technology LTC4069EDC-PBF Datasheet HTML 6Page - Linear Technology LTC4069EDC-PBF Datasheet HTML 7Page - Linear Technology LTC4069EDC-PBF Datasheet HTML 8Page - Linear Technology LTC4069EDC-PBF Datasheet HTML 9Page - Linear Technology LTC4069EDC-PBF Datasheet HTML 10Page - Linear Technology LTC4069EDC-PBF Datasheet HTML 11Page - Linear Technology LTC4069EDC-PBF Datasheet HTML 12Page - Linear Technology LTC4069EDC-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4069
9
4069fb
not exceed the recharge threshold voltage when the timer
ends, the timer resets and a 2.25 hour recharge cycle
begins. The CHRG output assumes a strong pull-down
state during recharge cycles until C/10 is reached when
it transitions to a high impendance state.
Trickle Charge and Defective Battery Detection
At the beginning of a charge cycle, if the battery voltage
is low (below 2.9V), the charger goes into trickle charge,
reducing the charge current to 10% of the full-scale current.
If the low-battery voltage persists for one quarter of the total
time (1.125 hour), the battery is assumed to be defective,
the charge cycle is terminated and the CHRG pin output
pulses at a frequency of 2Hz with a 75% duty cycle. If for
any reason the battery voltage rises above 2.9V, the charge
cycle will be restarted. To restart the charge cycle (i.e.,
when the defective battery is replaced with a discharged
battery), simply remove the input voltage and reapply it
or momentarily float the PROG pin and reconnect it.
CHRG Status Output Pin
The charge status indicator pin has three states: pull-down,
pulse at 2Hz (see Trickle Charge and Defective Battery
Detection and Battery Temperature Monitoring) and high
impedance. The pull-down state indicates that the LTC4069
is in a charge cycle. A high impedance state indicates that
the charge current has dropped below 10% of the full-scale
current or the LTC4069 is disabled. Figure 2 shows the
CHRG status under various conditions.
Charge Current Soft-Start and Soft-Stop
The LTC4069 includes a soft-start circuit to minimize
the inrush current at the start of a charge cycle. When a
charge cycle is initiated, the charge current ramps from
zero to the full-scale current over a period of approximately
170μs. Likewise, internal circuitry slowly ramps the charge
current from full-scale to zero when the charger is shut off
or self terminates. This has the effect of minimizing the
transient current load on the power supply during start-up
and charge termination.
OPERATION
Constant-Current/Constant-Voltage/
Constant-Temperature
The LTC4069 uses a unique architecture to charge a battery
in a constant-current, constant-voltage and constant-
temperature fashion. Figure 1 shows a Simplified Block
Diagram of the LTC4069. Three of the amplifier feedback
loops shown control the constant-current (CA), constant-
voltage (VA), and constant-temperature (TA) modes. A
fourth amplifier feedback loop (MA) is used to increase the
output impedance of the current source pair, M1 and M2
(note that M1 is the internal P-channel power MOSFET).
It ensures that the drain current of M1 is exactly 1000
times greater than the drain current of M2.
Amplifiers CA and VA are used in separate feedback loops
to force the charger into constant-current or constant-
voltage mode, respectively. Diodes D1 and D2 provide
priority to either the constant-current or constant-voltage
loop, whichever is trying to reduce the charge current
the most. The output of the other amplifier saturates low
which effectively removes its loop from the system. When
in constant-current mode, CA servos the voltage at the
PROG pin to be precisely 1V. VA servos its inverting input
to an internal reference voltage when in constant-voltage
mode and the internal resistor divider, made up of R1 and
R2, ensures that the battery voltage is maintained at 4.2V.
The PROG pin voltage gives an indication of the charge
current during constant-voltage mode as discussed in
“Programming Charge Current”.
Transconductance amplifier, TA, limits the die temperature
to approximately 115°C when in constant-temperature
mode. Diode D3 ensures that TA does not affect the charge
current when the die temperature is below approximately
115°C. The PROG pin voltage continues to give an indication
of the charge current.
In typical operation, the charge cycle begins in constant-
current mode with the current delivered to the battery equal
to 1000V/RPROG. If the power dissipation of the LTC4069
results in the junction temperature approaching 115°C,
the amplifier (TA) will begin decreasing the charge current
to limit the die temperature to approximately 115°C. As
the battery voltage rises, the LTC4069 either returns to
constant-current mode or enters constant-voltage mode
straight from constant-temperature mode.


Similar Part No. - LTC4069EDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4069EDC-4.4-PBF LINER-LTC4069EDC-4.4-PBF Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069EDC-4.4-TRPBF LINER-LTC4069EDC-4.4-TRPBF Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
More results

Similar Description - LTC4069EDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com