Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873ETS8-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3873ETS8-TRPBF
Description  No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873ETS8-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3873ETS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC3873ETS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC3873ETS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC3873ETS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC3873ETS8-TRPBF Datasheet HTML 11Page - Linear Technology LTC3873ETS8-TRPBF Datasheet HTML 12Page - Linear Technology LTC3873ETS8-TRPBF Datasheet HTML 13Page - Linear Technology LTC3873ETS8-TRPBF Datasheet HTML 14Page - Linear Technology LTC3873ETS8-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3873
11
3873fa
plus the secondary-to-primary referred voltage of the
flyback pulse (including leakage spike) must not exceed
the allowed external MOSFET breakdown rating.
Leakage Inductance
Transformer leakage inductance (on either the primary
or secondary) causes a voltage spike to occur after the
output switch (Q1) turn-off. This is increasingly prominent
at higher load currents where more stored energy must
be dissipated. In some cases a “snubber” circuit will be
required to avoid overvoltage breakdown at the MOSFET’s
drain node. Application Note 19 is a good reference on
snubber design. A bifilar or similar winding technique is a
good way to minimize troublesome leakage inductances.
However, remember that this will limit the primary-to-
secondary breakdown voltage, so bifilar winding is not
always practical.
Power MOSFET Selection
The power MOSFET serves two purposes in the LTC3873:
it represents the main switching element in the power path
and its RDS(ON) represents the current sensing element
for the control loop. Important parameters for the power
MOSFET include the drain-to-source breakdown voltage
(BVDSS), the threshold voltage (VGS(TH)), the on-resistance
(RDS(ON))versusgate-to-sourcevoltage,thegate-to-source
and gate-to-drain charges (QGS and QGD, respectively),
the maximum drain current (ID(MAX)) and the MOSFET’s
thermal resistances (RTH(JC) and RTH(JA)).
For boost applications with RDS(ON) sensing, refer to
the LTC3872 data sheet for the selection of MOSFET
RDS(ON).
MOSFETs have conduction losses (I2R) and switching
losses. For VDS < 20V, high current efficiency generally
improves with large MOSFETs with low RDS(ON), while
for VDS > 20V the transition losses rapidly increase to the
point that the use of a higher RDS(ON) device with lower
reverse transfer capacitance, CRSS, actually provides
higher efficiency.
Output Capacitors
The output capacitor is normally chosen by its effective
series resistance (ESR), which determines output ripple
voltage and affects efficiency. Low ESR ceramic capaci-
tors are often used to minimize the output ripple. Boost
regulators have large RMS ripple current in the output
capacitor that must be rated to handle the current. The
output ripple current (RMS) is:
II
VV
V
RMS COUT
OUT MAX
OUT
IN MIN
IN MIN
()
(
)
()
()
Output ripple is then simply:
VOUT = RESR(ΔIL(RMS))
The output capacitor for flyback converter should have a
ripple current rating greater than:
II
D
D
RMS
OUT
MAX
MAX
=
1
Input Capacitors
The input capacitor of a boost converter is less critical due
to the fact that the input current waveform is triangular, and
does not contain large square wave currents as found in
the output capacitor. The input voltage source impedance
determines the size of the capacitor that is typically 10μF to
100μF. A low ESR is recommended although not as critical
as the output capacitor can be on the order of 0.3
Ω.
The RMS input ripple current for a boost converter is:
I
V
Lf
D
RMS CIN
IN MIN
MAX
()
()
.•
= 03
Please note that the input capacitor can see a very high
surge current when a battery is suddenly connected to the
input of the converter and solid tantalum capacitors can
fail catastrophically under these conditions.
APPLICATIONS INFORMATION


Similar Part No. - LTC3873ETS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873ETS8-5 LINER-LTC3873ETS8-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873ETS8-5-PBF LINER-LTC3873ETS8-5-PBF Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873ETS8-5-TR LINER-LTC3873ETS8-5-TR Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873ETS8-5-TRPBF LINER-LTC3873ETS8-5-TRPBF Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873ETS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com