Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862EFE-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3862EFE-TRPBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862EFE-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3862EFE-TRPBF Datasheet HTML 6Page - Linear Technology LTC3862EFE-TRPBF Datasheet HTML 7Page - Linear Technology LTC3862EFE-TRPBF Datasheet HTML 8Page - Linear Technology LTC3862EFE-TRPBF Datasheet HTML 9Page - Linear Technology LTC3862EFE-TRPBF Datasheet HTML 10Page - Linear Technology LTC3862EFE-TRPBF Datasheet HTML 11Page - Linear Technology LTC3862EFE-TRPBF Datasheet HTML 12Page - Linear Technology LTC3862EFE-TRPBF Datasheet HTML 13Page - Linear Technology LTC3862EFE-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LTC3862
10
3862fb
PIN FUNCTIONS
SENSE1+, SENSE2+: Positive Inputs to the Current
Comparators. The ITH pin voltage programs the current
comparator offset in order to set the peak current trip
threshold. This pin is normally connected to a sense
resistor in the source of the power MOSFET.
SENSE1, SENSE2:
Negative Inputs to the Current Com-
parators. This pin is normally connected to the bottom of
the sense resistor.
SGND: Signal Ground. All feedback and soft-start con-
nections should return to SGND. For optimum load
regulation, the SGND pin should be kelvin connected to
the PCB location between the negative terminals of the
output capacitors.
SLOPE: This pin programs the gain of the internal slope
compensation. Floating this pin provides a normalized
slope compensation gain of 1.00. Connecting this pin
to 3V8 increases the normalized slope compensation by
66%, and connecting it to SGND decreases the normalized
slope compensation by 37.5%. See Applications Informa-
tion for more details.
SS: Soft-Start Input. For soft-start operation, connecting
a capacitor from this pin to SGND will clamp the output of
the error amp. An internal 5μA current source will charge
the capacitor and set the rate of increase of the peak switch
current of the converter.
SYNC: PLL Synchronization Input. Applying an external
clock between 50kHz and 650kHz will cause the operating
frequency to synchronize to the clock. SYNC is pulled down
by a 50k internal resistor. The rising edge of the SYNC
input waveform will align with the rising edge of GATE1
in closed-loop operation.
VIN: Main Supply Input. A low ESR ceramic capacitor
should be connected between this pin and SGND.


Similar Part No. - LTC3862EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862EFE-1-PBF LINER-LTC3862EFE-1-PBF Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862EFE-1-TRPBF LINER-LTC3862EFE-1-TRPBF Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
More results

Similar Description - LTC3862EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com