Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873EDDB Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3873EDDB
Description  No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873EDDB Datasheet(HTML) 1 Page - Linear Technology

  LTC3873EDDB Datasheet HTML 1Page - Linear Technology LTC3873EDDB Datasheet HTML 2Page - Linear Technology LTC3873EDDB Datasheet HTML 3Page - Linear Technology LTC3873EDDB Datasheet HTML 4Page - Linear Technology LTC3873EDDB Datasheet HTML 5Page - Linear Technology LTC3873EDDB Datasheet HTML 6Page - Linear Technology LTC3873EDDB Datasheet HTML 7Page - Linear Technology LTC3873EDDB Datasheet HTML 8Page - Linear Technology LTC3873EDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3873
1
3873fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
No RSENSETM Constant
Frequency Current Mode
Boost/Flyback/SEPIC
DC/DC Controller
The LTC
®3873 is a constant frequency current mode,
boost, flyback or SEPIC DC/DC controller that drives an
N-channel power MOSFET in high input and output volt-
age converter applications. Soft-start can be programmed
using an external capacitor.
The LTC3873 provides ±1.5% output voltage accuracy and
consumes only 300μA quiescent current during normal
operation and only 55μA during micropower start-up.
Using a 9.3V internal shunt regulator, the LTC3873 can
be powered from a high input voltage through a resistor
or it can be powered directly from a low impedance DC
voltage of 9V or less.
The LTC3873 is available in 8-lead ThinSOT and 2mm
×
3mm DFN packages.
n VIN and VOUT Limited Only by External Components
n Internal or Programmable External Soft-Start
n Constant Frequency 200kHz Operation
n Adjustable Current Limit
n Current Sense Resistor Optional
n Maximum 60V on SW Node with RDS(ON) Sensing
n ±1.5% Voltage Reference Accuracy
n Current Mode Operation for Excellent Line and Load
Transient Response
n Low Quiescent Current: 300μA
n Low Profile (1mm) ThinSOT
TM and (0.75mm)
2mm
× 3mm DFN Package
n Telecom Power Supplies
n 42V and 12V Automotive Power Supplies
n Portable Electronic Equipment
Efficiency and Power Loss vs Load Current
5V Output Nonisolated Telecom Power Supply
PARAMETER
LTC3873
LTC3873-5
VCC UV+
8.4V
3.9V
VCC UV
4V
2.9V
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
No RSENSE and ThinSOT are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VCC
ITH
NGATE
LTC3873
RUN/SS
GND
0.1μF
100μF
6.3V
X5R
3
VOUT
5V
2A MAX
2.2nF
10μF
10V
X5R
4.7μF
100V
X5R
7.5k
221k
D1
T1
D2
VIN
36V TO 72V
68mΩ
3873 TA01a
M1
SW
IPRG
VFB
12.1k
38.3k
LOAD CURRENT (mA)
10
40
50
60
70
80
1000
3873 TA01b
30
20
10
0
90
100
EFFICIENCY
1000
500
2000
1500
2500
10
3000
POWER LOSS
VIN = 72V
VIN = 60V
VIN = 48V
VIN = 36V


Similar Part No. - LTC3873EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873EDDB-5 LINER-LTC3873EDDB-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB-5-PBF LINER-LTC3873EDDB-5-PBF Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB-5-TR LINER-LTC3873EDDB-5-TR Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB-5-TRPBF LINER-LTC3873EDDB-5-TRPBF Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com