Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2007PN- Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2007PN-
Description  Fast-Charge IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2007PN- Datasheet(HTML) 5 Page - Texas Instruments

  BQ2007PN- Datasheet HTML 1Page - Texas Instruments BQ2007PN- Datasheet HTML 2Page - Texas Instruments BQ2007PN- Datasheet HTML 3Page - Texas Instruments BQ2007PN- Datasheet HTML 4Page - Texas Instruments BQ2007PN- Datasheet HTML 5Page - Texas Instruments BQ2007PN- Datasheet HTML 6Page - Texas Instruments BQ2007PN- Datasheet HTML 7Page - Texas Instruments BQ2007PN- Datasheet HTML 8Page - Texas Instruments BQ2007PN- Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Outputs LED1–2 have three display modes that are
selected at initialization by the input pins DSEL1 and
DSEL2. The DSEL1 and DSEL2 input pins, when pulled
down to VSS, are intended for implementation of a
simple two-LED system. LED2 indicates the precharge
status (i.e., charge pending and discharge) and LED1 indi-
cates the charge status (i.e., charging and completion).
DSEL1 pulled up to VCC and DSEL2 pulled down to VSS
mode is for implementation of a single tri-color LED such
that discharge, charging, and completion each have a unique
color. DSEL1 pulled down to VSS and DSEL2 pulled up to
VCC allows for fault status information to be displayed.
Audio Output Alarm
The bq2007 audio alarm output generates an audio tone
to indicate a charge completion or fault condition. The
audio alarm output is a symmetrical duty-cycle AC sig-
nal that is compatible with standard piezoelectric alarm
elements. A valid battery insertion is indicated by a sin-
gle high-tone beep of 1
2-second typical duration.
The
charge completion and fault conditions are indicated by
a 9.5- to 15-second high-tone sequence of 1
2-second typi-
cal duration at a 2-second typical repetition rate.
Charge Status Monitoring
The bq2007 charge status monitor may display the bat-
tery voltage or charge safety timer as a percentage of
the full-charged condition. These options are selected
with the MULT soft-programmed input pin.
When MULT is pulled down to VSS, the battery charge
status is displayed as a percentage of the battery
voltage, and the single-cell battery voltage at the BAT
pin is compared with internal charge voltage reference
thresholds.
When VBAT is greater than the internal
thresholds of V20,V40,V60,or V80, the respective 20%,
40%, 60%, or 80% display outputs are activated. The
battery voltage directly indicates 20% charge
increments, while the 10% charge increments use a
timer that is a function of the charge safety timer.
When MULT is pulled down to VSS and when VBAT
exceeds V20 during charging, the 20% charge indication
is activated and the timer begins counting for a period
equal to 1
64 to
1
32 of the charge safety time-out period.
When the timer count is completed, the 30% charge
indication is activated. Should VBAT exceed V40 prior to
the timer count completion, the charge status monitor
activates the 30% and 40% indications. This technique
5
bq2007
Charge Action
State
Conditions
MOD Output
DIS Output
Battery absent
VCC applied and VCELL
≥ VMCV
Trickle charge per Table 4
Low
Charge initiation
VCC applied or VCELL drops
from
≥ VMCV to < VMCV
-
Low
Discharge-before-
charge
DCMD high-to-low transition or to VSS on charge
initiation and VEDV < VCELL < VMCV
Low
High
Charge pending
Charge initiation occurred and VTEMP
≥ VLTF or
VTEMP
≤ VTCO or VCELL < VEDV
Trickle charge per Table 4
Low
Fast charging
Charge pending complete and FAST = VCC
Low if VSNS > 250mV;
high if VSNS < 200mV
Low
Standard charging
Charge pending complete and FAST = VSS
Low if VSNS > 250mV;
high if VSNS < 200mV
Low
Charge complete
-
∆V termination or VTEMP < VTCO or PVD ≥ 0 to
-3mV/cell or maximum time-out or VCELL > VMCV
--
Top-off pending
VSEL = VCC, charge complete and VTEMP
≥ VLTF
or VTEMP
≤ VTCO or VCELL < VEDV
Trickle charge per Table 4
Low
Top-off charging
VSEL = VCC and charge complete and
time-out not exceeded and VTEMP > VTCO and
VCELL < VMCV
Activated per VSNS for
73ms of every 585ms
Low
Trickle charging
Charge complete and top-off disabled or
top-off complete or pending
Trickle charge per Table 4
Low
Fault
Charge pending state and charge pending
time-out (tPEND) complete
Trickle charge per Table 4
Low
Definitions:
VCELL = VBAT - VSNS;VMCV = 0.8 * VCC;VEDV = 0.262 * VCC or 0.4 * VCC;VTEMP = VTS - VSNS;
VLTF = 0.5 * VCC.
Table 1. bq2007 Operational Summary


Similar Part No. - BQ2007PN-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2007PN TI1-BQ2007PN Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
More results

Similar Description - BQ2007PN-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
370Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com