Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4068EDD-4.2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4068EDD-4.2
Description  Standalone Linear Li-Ion Battery Charger with Programmable Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4068EDD-4.2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4068EDD-4.2 Datasheet HTML 4Page - Linear Technology LTC4068EDD-4.2 Datasheet HTML 5Page - Linear Technology LTC4068EDD-4.2 Datasheet HTML 6Page - Linear Technology LTC4068EDD-4.2 Datasheet HTML 7Page - Linear Technology LTC4068EDD-4.2 Datasheet HTML 8Page - Linear Technology LTC4068EDD-4.2 Datasheet HTML 9Page - Linear Technology LTC4068EDD-4.2 Datasheet HTML 10Page - Linear Technology LTC4068EDD-4.2 Datasheet HTML 11Page - Linear Technology LTC4068EDD-4.2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC4068-4.2/LTC4068X-4.2
406842fa
DD Package
8-Lead Plastic DFN (3mm × 3mm)
(Reference LTC DWG # 05-08-1698)
PACKAGE DESCRIPTIO
3.00 ±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-1)
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
4. EXPOSED PAD SHALL BE SOLDER PLATED
0.38 ± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65 ± 0.10
(2 SIDES)
0.75 ±0.05
R = 0.115
TYP
2.38 ±0.10
(2 SIDES)
1
4
8
5
PIN 1
TOP MARK
0.200 REF
0.00 – 0.05
(DD8) DFN 0203
0.28 ± 0.05
2.38 ±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 ±0.05
(2 SIDES)
2.15 ±0.05
0.50
BSC
0.675 ±0.05
3.5 ±0.05
PACKAGE
OUTLINE
0.28 ± 0.05
0.50 BSC
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIO S I FOR ATIO
VIN
VCC
LTC4068
DRAIN-BULK
DIODE OF FET
405842 F04
Figure 4. Low Loss Input Reverse Polarity Protection
Reverse Polarity Input Voltage Protection
In some applications, protection from reverse polarity
voltage on VCC is desired. If the supply voltage is high
enough, a series blocking diode can be used. In other
cases, where the voltage drop must be kept low, a P-channel
MOSFET can be used (as shown in Figure 4).


Similar Part No. - LTC4068EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068X-4.2 LINER-LTC4068X-4.2 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results

Similar Description - LTC4068EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com