Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4067EDE Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4067EDE
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067EDE Datasheet(HTML) 4 Page - Linear Technology

  LTC4067EDE Datasheet HTML 1Page - Linear Technology LTC4067EDE Datasheet HTML 2Page - Linear Technology LTC4067EDE Datasheet HTML 3Page - Linear Technology LTC4067EDE Datasheet HTML 4Page - Linear Technology LTC4067EDE Datasheet HTML 5Page - Linear Technology LTC4067EDE Datasheet HTML 6Page - Linear Technology LTC4067EDE Datasheet HTML 7Page - Linear Technology LTC4067EDE Datasheet HTML 8Page - Linear Technology LTC4067EDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4067
4
4067f
The denotes the specifications which apply over the full operating
temperature range (Note 3), otherwise specifications are at TA = 25°C. Note 2 unless otherwise noted, VIN = 5V, VBAT = 3.7V,
VILIM0 = 0V, VILIM1 = 0V, RPROG = 2k, RCLPROG = 2k, VOVI = 0V, VNTC = VIN/2.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Current into a pin is positive and current out of a pin is negative.
All Voltages referenced to GND
Note 3: The LTC4067 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C ambient
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 4: Specification is guaranteed by design and not 100% tested in
production.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NTC
INTC
NTC Input Leakage Current
VNTC = 2.5V
0
±1
μA
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising Threshold
Hysteresis
0.725 • VIN 0.733 • VIN
0.02 • VIN
0.741 • VIN
V
V
VHOT
Hot Temperature Fault Threshold
Voltage
Falling Threshold
Hysteresis
0.287 • VIN 0.29 • VIN
0.02 • VIN
0.293 • VIN
V
V
VDIS
NTC Disable Voltage
NTC Input voltage to GND (Falling)
Hysteresis
80
100
30
120
mV
mV
Logic
FMOD
Serrated Fault Pulse Modulation
Frequency at ⎯C⎯H⎯R⎯G Pin
(VDIS < VNTC < VHOT) or (VNTC > VCOLD)
VBAT < 2.9V for Longer Than Trickle Charge Time
1.5
6
Hz
Hz
FPW
Serrated Fault Pulse Width at ⎯C⎯H⎯R⎯G
Pin
(VDIS < VNTC < VHOT) or (VNTC > VCOLD)
VBAT < 2.9V for Longer Than Trickle Charge Time
1.33
2.62
μs
μs
FTF
Serrated Fault Pulse Frequency at
⎯C⎯H⎯R⎯G Pin
(VDIS < VNTC < VHOT) or (VNTC > VCOLD) or
VBAT < 2.9V for Longer Than Trickle Charge Time
35
kHz
VOL
Output Low Voltage (⎯C⎯H⎯R⎯G)
ISINK = 5mA
1.5
V
VIH
Enable Input High Voltage
ILIM0, ILIM1 Pin Low to High
1.2
V
VlL
Enable Input Low Voltage
ILIM0, ILIM1 Pin High to Low
0.4
V
IPULLDN
Logic Input Pull Down Current
ILIM0, ILIM1
2
μA
VOVTH
Overvoltage Protection Threshold
(OVI Pin)
VOVI Rising Threshold
Hysteresis
5.8
6
250
6.2
V
mV
VPROG,SD
Shutdown Threshold
VCC – VPROG Rising (Note 6)
Hysteresis
1.4
50
V
mV
IPROG,PULLUP PROG Pin Shutdown Sense Current VPROG = 1V
3.5
μA
Note 5: This IC includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature exceeds 125°C when over-temperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: VCC is the greater of VIN, VOUT or VBAT.
Note 7: Accuracy of programmed current may degrade for currents greater
than 1A.
Note 8: CLPROG soft-start scales with inverse of CLPROG resistor. If
RCLPROG = 2k, then ISS = 0.6mA/μs.


Similar Part No. - LTC4067EDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
More results

Similar Description - LTC4067EDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Eutech Microelectronics...
EUP8060X EUTECH-EUP8060X Datasheet
158Kb / 1P
   1A Li-Ion/Polymer Charger IC with Thermal Regulation and OVP
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC3557 LINER-LTC3557 Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com