Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862IFE-1-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3862IFE-1-TRPBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862IFE-1-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3862IFE-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3862IFE-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3862IFE-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3862IFE-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC3862IFE-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC3862IFE-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC3862IFE-1-TRPBF Datasheet HTML 13Page - Linear Technology LTC3862IFE-1-TRPBF Datasheet HTML 14Page - Linear Technology LTC3862IFE-1-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC3862-1
11
38621f
FUNCTIONAL DIAGRAM
+
DMAX
PHASEMODE
FREQ
SLOPE
RFREQ
RC
PLLFLTR
SYNC
CLKOUT
RP
CP
SLOPE
COMPENSATION
SYNC
DETECT
BLANK
SS
3V8
5μA
BLOGIC
BLANK
LOGIC
LOGIC
OVER
TEMP
BIAS
CSS
CC
CLK1
CLK2
DMAX
OT
OV
OT
UV
SD
1.223V
PSKIP
PSKIP
0.275V
PSKIP
ITRIP
UV
VCO
PWM LATCH
S
R1
Q
OT
UVLO
3.8V
LDO
10V
LDO
UV
SD
BLOGIC
R2
+
+ –
ICMP
RLOOP
V TO I
ITH
RUN
OV
OV
1.345V
SD
RUN
4.5μA
1.22V
EA
0.5μA
SGND
VFB
R1
38621 FD
GATE
3V8
INTVCC
VIN
VIN
PGND
SENSE+
SENSE
DUPLICATE FOR
SECOND CHANNEL
CVCC
CIN
COUT
VOUT
C3V8
M
D
L
R2
RS


Similar Part No. - LTC3862IFE-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862IFE-PBF LINER-LTC3862IFE-PBF Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862IFE-TRPBF LINER-LTC3862IFE-TRPBF Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
More results

Similar Description - LTC3862IFE-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862 Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com