Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873ETS8-5-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3873ETS8-5-PBF
Description  No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873ETS8-5-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3873ETS8-5-PBF Datasheet HTML 1Page - Linear Technology LTC3873ETS8-5-PBF Datasheet HTML 2Page - Linear Technology LTC3873ETS8-5-PBF Datasheet HTML 3Page - Linear Technology LTC3873ETS8-5-PBF Datasheet HTML 4Page - Linear Technology LTC3873ETS8-5-PBF Datasheet HTML 5Page - Linear Technology LTC3873ETS8-5-PBF Datasheet HTML 6Page - Linear Technology LTC3873ETS8-5-PBF Datasheet HTML 7Page - Linear Technology LTC3873ETS8-5-PBF Datasheet HTML 8Page - Linear Technology LTC3873ETS8-5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3873-5
3
38735fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3873E-5 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3873I-5 is guaranteed to meet
performance specifications over the full –40°C to 125°C operating
temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA)
Note 4: The dynamic input supply current is higher due to power MOSFET
gate charging (QG • fOSC). See Applications Information.
Note 5: The LTC3873-5 is tested in a feedback loop which servos VFB to
the reference voltage with the ITH pin forced to the midpoint of its voltage
range (0.7V ≤ VITH ≤ 1.9V, midpoint = 1.3V).
Note 6: Rise and fall times are measured at 10% and 90% levels.
VCC = 5.6V.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input DC Supply Current
Normal Operation
Shutdown
UVLO
Typicals at VCC = 5V (Note 4)
VITH = 1.9V
VRUN/SS = 0V
VCC = UVLO Threshold – 100mV, VRUN/SS = VCC
300
50
35
400
80
50
μA
μA
μA
Undervoltage Lockout Threshold
VCC Rising
VCC Falling
VCC Hysteresis
l
l
l
3.8
2.5
0.9
4.1
2.9
1.25
4.4
3.3
1.7
V
V
V
Shutdown Threshold (at RUN/SS)
VRUN/SS Falling
VRUN/SS Rising
l
0.5
0.6
0.7
0.8
0.9
1.0
V
V
Regulated Feedback Voltage
(Note 5)
l
1.182
1.2
1.218
V
Feedback Voltage Line Regulation
3.5V < VCC < 9V (Note 5)
0.1
mV/V
Feedback Voltage Load Regulation
VITH = 1.6V (Note 5)
VITH = 1V (Note 5)
0.05
–0.05
%
%
VFB Input Current
(Note 5)
25
50
nA
RUN/SS Pull Up Current
VRUN/SS = 0V
VRUN/SS = 1.3V
1.5
5
3
15
4.5
25
μA
μA
Maximum Duty Cycle
70
78
84
%
ISLMAX, Peak Slope Compensation Current
20
μA
Oscillator Frequency
160
200
240
kHz
Gate Drive Rise Time
CLOAD = 3000pF (Note 6)
40
ns
Gate Drive Fall Time
CLOAD = 3000pF (Note 6)
40
ns
Peak Current Sense Voltage
IPRG = GND
IPRG = Float
IPRG = VIN
l
l
l
95
165
265
110
185
295
125
210
325
mV
mV
mV
VIN Shunt Regulator Voltage
IIN = 1mA, IIN = 25mA, VRUN/SS = 0V
l
9
9.3
9.6
V
Default Internal Soft-Start
3.3
ms


Similar Part No. - LTC3873ETS8-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873ETS8-PBF LINER-LTC3873ETS8-PBF Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873ETS8-TR LINER-LTC3873ETS8-TR Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873ETS8-TRPBF LINER-LTC3873ETS8-TRPBF Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873ETS8-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com