Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3873-5
Description  No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873-5 Datasheet(HTML) 4 Page - Linear Technology

  LTC3873-5 Datasheet HTML 1Page - Linear Technology LTC3873-5 Datasheet HTML 2Page - Linear Technology LTC3873-5 Datasheet HTML 3Page - Linear Technology LTC3873-5 Datasheet HTML 4Page - Linear Technology LTC3873-5 Datasheet HTML 5Page - Linear Technology LTC3873-5 Datasheet HTML 6Page - Linear Technology LTC3873-5 Datasheet HTML 7Page - Linear Technology LTC3873-5 Datasheet HTML 8Page - Linear Technology LTC3873-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3873-5
4
38735fb
TYPICAL PERFORMANCE CHARACTERISTICS
CLOAD (pF)
0
60
80
100
8000
38735 G06
40
20
50
70
90
30
10
0
2000
4000
6000
10000
RISE TIME
FALL TIME
TEMPERATURE (°C)
–60
0.8
0.9
1.0
20
60
120
38735 G07
0.7
0.6
0.5
–40 –20
0
40
80 100
RISING
FALLING
Shutdown Mode IQ vs VIN
Gate Drive Rise and Fall Time
vs CLOAD
Shutdown IQ vs Temperature
RUN Threshold vs Temperature
Shunt Regulator Voltage
vs ISHUNT
VIN (V)
3
20
25
35
40
45
70
55
5
7
8
3873-5 G04
30
60
65
50
4
6
9
10
TEMPERATURE (°C)
–60
40
50
60
100
3873-5 G05
30
20
0
–20
20
60
–40
120
0
40
80
10
80
70
ISHUNT (mA)
0
9.2
9.3
9.5
9.6
9.7
10.2
9.9
10
20
25
45
3873-5 G08
9.4
10.0
10.1
9.8
515
30
35
40
TEMPERATURE (°C)
–60
1.22
1.23
1.24
60
40
38735 G01
1.21
1.20
–20
–40
20
0
120
100
80
1.19
1.18
1.25
VIN (V)
1.1990
1.1995
1.2005
1.2010
1.2015
1.2025
5
7
38735 G02
1.2000
1.2020
4
9
10
3
68
RUN/SS VOLTAGE (V)
0
1.5
2.0
2.5
4.0
38735 G03
1.0
0.5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
4.5 5.0
VIN = 5V
Regulated Feedback Voltage vs
Temperature
Regulated Feedback Voltage Line
Regulation
ITH Voltage vs RUN/SS Voltage


Similar Part No. - LTC3873-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com