Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862EGN-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3862EGN-PBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862EGN-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3862EGN-PBF Datasheet HTML 4Page - Linear Technology LTC3862EGN-PBF Datasheet HTML 5Page - Linear Technology LTC3862EGN-PBF Datasheet HTML 6Page - Linear Technology LTC3862EGN-PBF Datasheet HTML 7Page - Linear Technology LTC3862EGN-PBF Datasheet HTML 8Page - Linear Technology LTC3862EGN-PBF Datasheet HTML 9Page - Linear Technology LTC3862EGN-PBF Datasheet HTML 10Page - Linear Technology LTC3862EGN-PBF Datasheet HTML 11Page - Linear Technology LTC3862EGN-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LTC3862
8
3862fb
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency vs
Input Voltage
RFREQ vs Frequency
Frequency vs PLLFLTR Voltage
Frequency Voltage vs
Temperature
Minimum On-Time vs
Input Voltage
Minimum On-Time vs
Temperature
Gate Turn-On Waveform Driving
Renesas HAT2266
Gate Turn-Off Waveform Driving
Renesas HAT2266
INPUT VOLTAGE (V)
0
300
305
310
32
3862 G27
295
290
280
8
16
24
436
12
20
28
285
320
315
FREQUENCY (kHz)
100
300
1000
3862 G28
10
100
200
1000
900
800
700
600
500
400
0
PLLFLTR VOLTAGE (V)
0
1000
1200
1400
2
3862 G29
800
600
0.5
1
1.5
2.5
400
200
0
TEMPERATURE (°C)
–50
1.223
1.229
1.231
150
3862 G30
1.221
1.219
1.211
0
50
100
–25
25
75
125
1.215
1.235
1.233
1.227
1.225
1.217
1.213
TEMPERATURE (°C)
–50
100
150
200
250
300
050
100
150
3862 G31
350
400
–25
25
75
125
BLANK = 3V8
BLANK = FLOAT
BLANK = SGND
INPUT VOLTAGE (V)
4
100
150
200
250
300
12
20
28
36
3862 G32
350
400
816
24
32
BLANK = 3V8
BLANK = FLOAT
BLANK = SGND
GATE
1V/DIV
20ns/DIV
VIN = 12V
VOUT = 48V
IOUT = 1A
MOSFET RENESAS HAT2266
3862 G33
GATE
1V/DIV
20ns/DIV
VIN = 12V
VOUT = 48V
IOUT = 1A
MOSFET RENESAS HAT2266
3862 G34


Similar Part No. - LTC3862EGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862EGN-1-PBF LINER-LTC3862EGN-1-PBF Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862EGN-1-TRPBF LINER-LTC3862EGN-1-TRPBF Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
More results

Similar Description - LTC3862EGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com