Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3872 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3872
Description  No RSENSE Current Mode Boost DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3872 Datasheet(HTML) 4 Page - Linear Technology

  LTC3872 Datasheet HTML 1Page - Linear Technology LTC3872 Datasheet HTML 2Page - Linear Technology LTC3872 Datasheet HTML 3Page - Linear Technology LTC3872 Datasheet HTML 4Page - Linear Technology LTC3872 Datasheet HTML 5Page - Linear Technology LTC3872 Datasheet HTML 6Page - Linear Technology LTC3872 Datasheet HTML 7Page - Linear Technology LTC3872 Datasheet HTML 8Page - Linear Technology LTC3872 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3872
4
3872fa
DUTY CYCLE (%)
0
200
400
600
100
300
500
20
40
60
80
3278 G06
100
10
030
50
70
90
VIN (V)
2
8
10
12
8
3872 G04
6
4
4
3
5
7
9
610
2
0
14
TEMPERATURE (
°C)
–50
0
5
10
15
20
–25
0
25
50
3872 G05
75
100 125 150
CLOAD (pF)
0
60
80
100
8000
3872 G07
40
20
50
70
90
30
10
0
2000
4000
6000
10000
RISE TIME
FALL TIME
VIN (V)
0
0.90
0.92
0.94
6
10
3872 G08
0.88
0.86
0.84
24
8
0.96
0.98
1.00
12
RISING
FALLING
TEMPERATURE (
°C)
–50
0.8
0.9
1.0
25
75
150
3872 G09
0.7
0.6
0.5
–25
0
50
100 125
RISING
FALLING
TEMPERATURE (
°C)
–50
500
525
550
575
600
–5
0
25
50
3872 G10
75
100 125 150
TEMPERATURE (
°C)
0
100
200
300
50
150
250
–10
30
70
110
3872 G11
150
–30
–50
10
50
90
130
IPRG = VIN
IPRG = FLOAT
IPRG = GND
Shutdown IQ vs VIN
Shutdown IQ vs Temperature
Frequency vs Duty Cycle
Gate Drive Rise and Fall Time
vs CLOAD
RUN/SS Threshold vs VIN
RUN/SS Threshold vs
Temperature
Frequency vs Temperature
Maximum Sense Threshold
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.


Similar Part No. - LTC3872

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3872 LINER-LTC3872 Datasheet
514Kb / 32P
   Wide Input Voltage Range
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
   No RSENSE Current Mode Boost DC/DC Controller
More results

Similar Description - LTC3872

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com