Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862HFE-1-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3862HFE-1-PBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862HFE-1-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3862HFE-1-PBF Datasheet HTML 1Page - Linear Technology LTC3862HFE-1-PBF Datasheet HTML 2Page - Linear Technology LTC3862HFE-1-PBF Datasheet HTML 3Page - Linear Technology LTC3862HFE-1-PBF Datasheet HTML 4Page - Linear Technology LTC3862HFE-1-PBF Datasheet HTML 5Page - Linear Technology LTC3862HFE-1-PBF Datasheet HTML 6Page - Linear Technology LTC3862HFE-1-PBF Datasheet HTML 7Page - Linear Technology LTC3862HFE-1-PBF Datasheet HTML 8Page - Linear Technology LTC3862HFE-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC3862-1
3
38621f
ORDER INFORMATION
(Notes 2, 3) The
l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, RUN = 2V and SS = open, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Input and INTVCC Linear Regulator
VIN
VIN Supply Voltage Range
l
8.5
36
V
IVIN
VIN Supply Current
Normal Mode, No Switching
Shutdown
(Note 5)
VRUN = 0V
l
l
1.8
30
3.0
80
mA
μA
INTVCC
LDO Regulator Output Voltage
9.5
10.0
10.5
V
dVINTVCC(LINE)
Line Regulation
12V < VIN < 36V
0.002
0.02
%/V
dVINTVCC(LOAD) Load Regulation
Load = 0mA to 20mA
–2
%
VUVLO
INTVCC UVLO Voltage
Rising INTVCC
Falling INTVCC
7.5
7.0
V
V
3V8
LDO Regulator Output Voltage
3.8
V
Switcher Control Loop
VFB
Reference Voltage
VITH = 0.8V (Note 6)
E-Grade (Note 3)
I-Grade and H-Grade (Note 3)
l
l
1.210
1.199
1.223
1.223
1.235
1.248
V
V
dVFB/dVIN
Feedback Voltage VIN Line Regulation
VIN = 8.5V to 36V (Note 6)
±0.002
0.01
%/V
dVFB/dVITH
Feedback Voltage Load Regulation
VITH = 0.5V to 1.2V (Note 6)
0.01
0.1
%
gm
Transconductance Amplifier Gain
VITH = 0.8V (Note 6), ITH Pin Load = ±5μA
660
μMho
f0dB
Error Amplifier Unity-Gain Crossover
Frequency
(Note 7)
1.8
MHz
VITH
Error Amplifier Maximum Output Voltage
(Internally Clamped)
VFB = 1V, No Load
2.7
V
Error Amplifier Minimum Output Voltage
VFB = 1.5V, No Load
50
mV
IITH
Error Amplifier Output Source Current
–30
μA
Error Amplifier Output Sink Current
30
μA
IFB
Error Amplifier Input Bias Currents
(Note 6)
–50
–200
nA
VITH(PSKIP)
Pulse Skip Mode Operation ITH Pin Voltage
Rising ITH Voltage (Note 6)
Hysteresis
0.275
25
V
mV
ISENSE(ON)
SENSE Pin Current
0.01
2
μA
VSENSE(MAX)
Maximum Current Sense Input Threshold
VSLOPE = Float, Low Duty Cycle
(Note 3)
l
65
60
75
75
85
90
mV
mV
VSENSE(MATCH)
CH1 to CH2 Maximum Current Sense
Threshold Matching
VSLOPE = Float, Low Duty Cycle (Note 3)
(VSENSE1 – VSENSE2)
l
–10
10
mV
ELECTRICAL CHARACTERISTICS
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3862EUH-1#PBF
LTC3862EUH-1#TRPBF
38621
24-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
LTC3862IUH-1#PBF
LTC3862IUH-1#TRPBF
38621
24-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3862HUH-1#PBF
LTC3862HUH-1#TRPBF
38621
24-Lead (5mm × 5mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3862HFE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862HFE-PBF LINER-LTC3862HFE-PBF Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862HFE-TRPBF LINER-LTC3862HFE-TRPBF Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
More results

Similar Description - LTC3862HFE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862 Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com