Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3853EUJ Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3853EUJ
Description  Triple Output, Multiphase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853EUJ Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3853EUJ Datasheet HTML 3Page - Linear Technology LTC3853EUJ Datasheet HTML 4Page - Linear Technology LTC3853EUJ Datasheet HTML 5Page - Linear Technology LTC3853EUJ Datasheet HTML 6Page - Linear Technology LTC3853EUJ Datasheet HTML 7Page - Linear Technology LTC3853EUJ Datasheet HTML 8Page - Linear Technology LTC3853EUJ Datasheet HTML 9Page - Linear Technology LTC3853EUJ Datasheet HTML 10Page - Linear Technology LTC3853EUJ Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3853
7
3853f
TYPICAL PERFORMANCE CHARACTERISTICS
TK/SS Pull-Up Current
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
(INTVCC) vs Temperature
Oscillator Frequency
vs Input Voltage
TEMPERATURE (°C)
–50
–25
1.25
1.45
1.75
0
50
75
3853 G17
1.35
1.65
1.55
25
100
125
TEMPERATURE (°C)
–50
1.0
1.1
1.2
1.3
1.4
–25
0
25
50
ON
3853 G18
OFF
75
100
125
TEMPERATURE (°C)
–50
806
804
802
800
798
796
794
25
75
3853 G19
–25
0
50
100
TEMPERATURE (°C)
–50
600
700
900
25
75
3853 G20
500
400
–25
0
50
100
125
300
200
800
VFREQ = INTVCC
VFREQ = 1.2V
VFREQ = 0V
TEMPERATURE (°C)
–50
3.75
4.00
4.25
25
75
150
3853 G21
3.50
3.25
3.00
–25
0
50
100 125
RISING
FALLING
INPUT VOLTAGE (V)
5
400
450
25
3853 G22
350
300
10
15
20
500
Shutdown Current
vs Input Voltage
Shutdown Current
vs Temperature
Quiescent Current
vs Temperature Without EXTVCC
INPUT VOLTAGE (V)
5
40
50
25
3853 G23
30
20
10
15
20
60
TEMPERATURE (°C)
–50
–25
20
40
70
0
50
75
3853 G24
30
60
50
25
100
125
VIN = 12V
TEMPERATURE (˚C)
–50
5
6
25
75
3853 G25
4
–25
0
50
100
125
3


Similar Part No. - LTC3853EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3853 LINER-LTC3853 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3853 LINER-LTC3853 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3853 LINER-LTC3853 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3853 LINER-LTC3853 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3853EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Analog Devices
LTC7819 AD-LTC7819 Datasheet
1Mb / 36P
   40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com