Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2007 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2007
Description  Fast-Charge IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2007 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2007 Datasheet HTML 3Page - Texas Instruments BQ2007 Datasheet HTML 4Page - Texas Instruments BQ2007 Datasheet HTML 5Page - Texas Instruments BQ2007 Datasheet HTML 6Page - Texas Instruments BQ2007 Datasheet HTML 7Page - Texas Instruments BQ2007 Datasheet HTML 8Page - Texas Instruments BQ2007 Datasheet HTML 9Page - Texas Instruments BQ2007 Datasheet HTML 10Page - Texas Instruments BQ2007 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Display Driver Modes
The bq2007 is designed to interface with LCD or LED
type displays. The LED signal levels are driven when
the MSEL soft-programmed input is pulled to VCC at ini-
tialization. The output pin COM is the common anode
connection for LED SEGA–G.
The LCD interface mode is enabled when the MSEL
soft-programmed input pin is pulled to VSS at initializa-
tion. An internal oscillator generates all the timing sig-
nals required for the LCD interface. The output pin
COM is the common connection for static direct-driving
of the LCD display backplane and is driven with an AC
signal at the frame period. When enabled, each of the
SEGA–G pins is driven with the correct-phase AC signal
to activate the LCD segment. In bargraph or BCD mode,
output pins SEGA–G interface to LED or LCD segments.
Battery Voltage and Temperature
Measurement
The battery voltage and temperature are monitored
within set minimum and maximum limits. When MULT is
pulled up to VCC, battery voltage is sensed at the BAT pin
by a resistive voltage divider that divides the terminal
voltage between 0.262
∗ VCC (VEDV) and 0.8 ∗ VCC (VMCV).
The bq2007 charges multi-cell battery packs from a mini-
mum of N cells, to a maximum of 1.5
∗ N cells. The battery
voltage divider is set to the minimum cell battery pack (N)
by the BAT pin voltage divider ratio equation:
R1
N
R21 33
1
=−
(
.
)
When MULT is pulled down to VSS, tighter charge
voltage limits and voltage-based charge status display
are selected. This is recommended for charging packs
with a fixed number of cells where the battery voltage
divider range is between 0.4
∗ VCC (VEDV) and 0.8 ∗ VCC
7
bq2007
Mode
Display Indication
SEGA
SEGB
SEGC
SEGD
SEGE
SEGF
SEGG
QDSEL = H
20% charge
1000000
30% charge
1100000
40% charge
1110000
60% charge
1111000
80% charge
1111100
90% charge
1111110
Charge complete
1111111
QDSEL = L
0% charge—digit 0
1111110
10% charge—digit 1
0110000
20% charge—digit 2
1101101
30% charge—digit 3
1111001
40% charge—digit 4
0110011
50% charge—digit 5
1011011
60% charge—digit 6
1011111
70% charge—digit 7
1110010
80% charge—digit 8
1111111
90% charge—digit 9
1111011
Charge complete—letter F
1000111
Fault condition—letter E
1001111
Discharge—letter d
0111101
Note:
1 = on; 0 = off; L = pulled down to VSS; H = pulled up to VCC.
Table 3. bq2007 Charge Status Display Summary


Similar Part No. - BQ2007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2007 TI1-BQ2007 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007PN TI1-BQ2007PN Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007S TI1-BQ2007S Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007STR TI1-BQ2007STR Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
More results

Similar Description - BQ2007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
370Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com