Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1253ST8RX190 Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1253ST8RX190
Description  300mA, Low Power, High PSRR LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1253ST8RX190 Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1253ST8RX190 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX190 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX190 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX190 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX190 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX190 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX190 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX190 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX190 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
YB1253
300mA, Low Power, High PSRR LDO Regulator
YB1253 Rev. 1.5
www.yobon.com.tw
4
Electrical Characteristics
Table 2
Function Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.0
5.5
V
Output Voltage, VOUT
Predefined
1.2
3.6
V
IOUT = 10mA, VOUT >= 1.3V
-2.0
+2.0
%
Output Voltage Accuracy
IOUT = 10mA, VOUT = 1.2V
0
+4.0
%
Output Current Limit
Short-circuit output
500
mA
Vout = 3.6V, Iout = 300 mA
300
Vout = 3.3V, Iout = 300 mA
350
Vout = 2.8V, Iout = 300 mA
430
Vout = 1.8V, Iout = 300 mA
600
Dropout Voltage (Note 1)
Vout = 1.2V, Iout = 300 mA
900
mV
Ground Current
Iground = Iin - Iout
10
μA
Line Regulation
Vin = (Vout+1V) to 5.5V, Iout =10mA
0.10
0.20
%/V
Load Regulation
Iout = 1mA to 300 mA
0.005
0.01
%/mA
Shutdown Supply Current
EN = Vin=0V
1
μA
Ripple Rejection (PSRR)
(Note 2)
50
dB
Start Up Delay (Note 3)
Rload=100ohm
200
μS
Rload=10K ohm, VOUT=1.5V
1
mS
Shutdown Delay
Rload=10K ohm, VOUT=1.2V
1
mS
EN Logic Low Level
Vin = 2.0V to 5.5V
0.4
V
EN Logic High Level
Vin = 2.0V to 5.5V
1.2
Vin
V
EN Input Bias Current
Vin = EN = 3V
1.5
μA
Thermal Shutdown
Shutdown Temperature
160
°C
Thermal Hysteresis
20
°C
TA = 25℃, VIN = ( VOUT + 1 V ), CIN = COU T = 1.0μF, VEN = VIN, unless otherwise
td
Note 1: The dropout voltage varies depending on output voltage selection. Dropout is defined as VIN–VOUT when VOUT is 100mV
below nominal VOUT where Vin=Vout + 1V for nominal VOUT.
Note 2: PSRR is tested at Vin=3.8+1Vppac, Vout=2.8V, I_load=1mA.
Note 3: Time needed for VOUT to reach 90% of final value.


Similar Part No. - YB1253ST8RX190

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1253ST8RX190

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Excelliance MOS Corp.
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com