Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3851-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3851-1
Description  Synchronous Step-Down Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3851-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3851-1 Datasheet HTML 2Page - Linear Technology LTC3851-1 Datasheet HTML 3Page - Linear Technology LTC3851-1 Datasheet HTML 4Page - Linear Technology LTC3851-1 Datasheet HTML 5Page - Linear Technology LTC3851-1 Datasheet HTML 6Page - Linear Technology LTC3851-1 Datasheet HTML 7Page - Linear Technology LTC3851-1 Datasheet HTML 8Page - Linear Technology LTC3851-1 Datasheet HTML 9Page - Linear Technology LTC3851-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3851-1
6
38511f
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Current Sense
Threshold vs Common Mode
Voltage
Maximum Peak Current Sense
Threshold vs ITH Voltage
Burst Mode Peak Current Sense
Threshold vs ITH Voltage
Maximum Current Sense
Threshold vs Duty Cycle
Regulated Feedback Voltage vs
Temperature
INTVCC Line Regulation
Shutdown (RUN) Threshold vs
Temperature
Maximum Current Sense
Threshold vs Feedback Voltage
(Current Foldback)
TK/SS Pull-Up Current vs
Temperature
INPUT VOLTAGE (V)
48
12
3.5
3.7
4.1
4.3
4.5
28
32
36
5.3
38511 G13
3.9
16
20
24
40
4.7
4.9
5.1
ILOAD = 0mA
ILOAD = 25mA
VSENSE COMMON MODE VOLTAGE (V)
0
0
3
3.5
4
4.5
90
80
70
60
50
40
30
20
10
38511 G14
0.5
1
1.5
2
2.5
5
VITH (V)
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
38511 G15
2.4
90
80
70
60
50
40
30
20
10
0
–10
–20
DUTY CYCLE RANGE: 0% TO 100%
VITH (V)
60
50
40
30
20
10
0
0.8
1.2
1.6
2.0
38511 G16
2.4
0.6
0.4
1.0
1.4
1.8
2.2
BURST COMPARATOR FALLING THESHOLD:
VITH = 0.4V
MAXIMUIM
MINIMUIM
FEEDBACK VOLTAGE (V)
0
0.8
38511 G18
0
0.2
0.4
0.6
0.1
0.3
0.5
0.7
90
80
70
60
50
40
30
20
10
TEMPERATURE (°C)
–50
0.5
0.6
0.8
0.9
1.0
1.5
1.2
0
50
75
38511 G19
0.7
1.3
1.4
1.1
–25
25
100
125
TEMPERATURE (°C)
–50
–25
0.9
1.1
1.4
0
50
75
38511 G20
1.0
1.3
1.2
25
100
125
RUN RISING THRESHOLD (ON)
RUN FALLING THRESHOLD (OFF)
TEMPERATURE (°C)
–50
802
804
806
25
75
38511 G21
800
798
–25
0
50
100
125
796
794
DUTY CYCLE (%)
0
0
10
30
40
50
40
80
100
90
38511 G17
20
20
60
60
70
80


Similar Part No. - LTC3851-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
More results

Similar Description - LTC3851-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BD9610AMUV-E2 ROHM-BD9610AMUV-E2 Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com