Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV9920DEV-375.0M-T250 Datasheet(PDF) 8 Page - Pletronics, Inc.

Part # LV9920DEV-375.0M-T250
Description  LVDS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV9920DEV-375.0M-T250 Datasheet(HTML) 8 Page - Pletronics, Inc.

  LV9920DEV-375.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. LV9920DEV-375.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. LV9920DEV-375.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. LV9920DEV-375.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. LV9920DEV-375.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. LV9920DEV-375.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. LV9920DEV-375.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. LV9920DEV-375.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LV99D Series 3.3 V
LVDS Clock Oscillators
January 2007
www.pletronics.com
425-776-1880
8
IMPORTANT NOTICE
Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and
other changes to this product at anytime. PLE reserves the right to discontinue any product or service
without notice. Customers are responsible for obtaining the latest relevant information before placing
orders and should verify that such information is current and complete. All products are sold subject to
PLE’s terms and conditions of sale supplied at the time of order acknowledgment.
PLE warrants performance of this product to the specifications applicable at the time of sale in accordance
with PLE’s limited warranty. Testing and other quality control techniques are used to the extent PLE
deems necessary to support this warranty. Except where mandated by specific contractual documents,
testing of all parameters of each product is not necessarily performed.
PLE assumes no liability for application assistance or customer product design. Customers are
responsible for their products and applications using PLE components. To minimize the risks associated
with the customer products and applications, customers should provide adequate design and operating
safeguards.
PLE products are not designed, intended, authorized or warranted to be suitable for use in life support
applications, devices or systems or other critical applications that may involve potential risks of death,
personal injury or severe property or environmental damage. Inclusion of PLE products in such
applications is understood to be fully at the risk of the customer. Use of PLE products in such applications
requires the written approval of an appropriate PLE officer. Questions concerning potential risk
applications should be directed to PLE.
PLE does not warrant or represent that any license, either express or implied, is granted under any PLE
patent right, copyright, artwork or other intellectual property right relating to any combination, machine or
process which PLE product or services are used. Information published by PLE regarding third-party
products or services does not constitute a license from PLE to use such products or services or a warranty
or endorsement thereof. Use of such information may require a license from a third party under the
patents or other intellectual property of the third party, or a license from PLE under the patents or other
intellectual property of PLE.
Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is
without alteration and is accompanied by associated warranties, conditions, limitations and notices.
Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not
responsible or liable for such altered documents.
Resale of PLE products or services with statements different from or beyond the parameters stated by
PLE for that product or service voids all express and implied warranties for the associated PLE product or
service and is an unfair or deceptive business practice. PLE is not responsible for any such statements.
Contacting Pletronics Inc.
Pletronics Inc.
Tel: 425-776-1880
19013 36
th Ave. West
Fax: 425-776-2760
Lynnwood, WA 98036-5761 USA
E-mail: ple-sales@pletronics.com
URL: www.pletronics.com
Copyright © 2007, Pletronics Inc.


Similar Part No. - LV9920DEV-375.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV9920DEV15625M PLETRONICS-LV9920DEV15625M Datasheet
324Kb / 2P
   Excellent phase noise characteristics
More results

Similar Description - LV9920DEV-375.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com