Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3850 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3850
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3850 Datasheet HTML 3Page - Linear Technology LTC3850 Datasheet HTML 4Page - Linear Technology LTC3850 Datasheet HTML 5Page - Linear Technology LTC3850 Datasheet HTML 6Page - Linear Technology LTC3850 Datasheet HTML 7Page - Linear Technology LTC3850 Datasheet HTML 8Page - Linear Technology LTC3850 Datasheet HTML 9Page - Linear Technology LTC3850 Datasheet HTML 10Page - Linear Technology LTC3850 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3850/LTC3850-1
7
38501fb
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
vs Input Voltage without EXTVCC
INTVCC Line Regulation
Current Sense Threshold
vs ITH Voltage
Maximum Current Sense Threshold
vs Common Mode Voltage
Maximum Current Sense
Threshold vs Duty Cycle
Maximum Current Sense Voltage vs
Feedback Voltage (Current Foldback)
TK/SS Pull-Up Current
vs Temperature
Tracking Up and Down
with External Ramp
10ms/DIV
VOUT1
3.3V
3Ω LOAD
1V/DIV
VOUT2
1.8V
1.5Ω LOAD
1V/DIV
TK/SS1
TK/SS2
2V/DIV
38501 G10
INPUT VOLTAGE (V)
5
2
3
25
38501 G11
1
0
10
15
20
5
4
INPUT VOLTAGE (V)
38501 G12
4.75
5.00
5.25
4.50
4.25
4.00
3.75
3.50
020
510
15
25
VITH (V)
0
–40
–20
0
20
40
60
80
0.5
1
1.5
2
38501 G13
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
VSENSE COMMON MODE VOLTAGE (V)
0
30
40
50
3
5
20
10
0
12
4
60
70
80
38501 G14
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
60
80
100
40
20
50
70
90
30
10
0
DUTY CYCLE (%)
0
60
100
20
40
80
38501 G15
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
FEEDBACK VOLTAGE (V)
0
40
50
60
0.8
38501 G16
30
20
0
0.2
0.4
0.6
0.1
0.9
0.3
0.5
0.7
10
80
70
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
TEMPERATURE (°C)
–50
2.00
1.75
1.50
1.25
1.00
25
75
38501 G17
–25
0
50
100


Similar Part No. - LTC3850

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3850 LINER-LTC3850 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Analog Devices
LTC3850 AD-LTC3850 Datasheet
1Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3850 LINER-LTC3850 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
Analog Devices
LTC3850 AD-LTC3850 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC3850 LINER-LTC3850 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3850

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
   Dual, 2-Phase Step-Down Switching Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826 LINER-LTC3826_15 Datasheet
479Kb / 36P
   30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com