Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV9944DV-375.0M-T250 Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # LV9944DV-375.0M-T250
Description  LVDS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV9944DV-375.0M-T250 Datasheet(HTML) 7 Page - Pletronics, Inc.

  LV9944DV-375.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. LV9944DV-375.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. LV9944DV-375.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. LV9944DV-375.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. LV9944DV-375.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. LV9944DV-375.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. LV9944DV-375.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. LV9944DV-375.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LV99D Series 3.3 V
LVDS Clock Oscillators
January 2007
www.pletronics.com
425-776-1880
7
260°C Maximum
10 Seconds Maximum
215°C±10°C
Approximately 50 Seconds
Allowed rate of temperature change
Maximum 4°C per second
120 to 160 Seconds
100
150
200
250
175°C±10°C
Reflow Cycle (typical for lead free processing)
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1
Tape
Size
D0
D1
Min
E1
P0
P2
S1
Min
T
Max
T1
Max
8mm
1.5
+0.1
-0.0
1.0
1.75
+
_0.1
4.0
+
_0.1
2.0
+
_0.05
0.6
0.6
0.1
12mm
1.5
16mm
1.5
2.0
+
_0.1
24mm
1.5
Variable Dimensions Table 2
Tape
Size
B1
Max
E2 Min
F
P1
T2
Max
W
Max
Ao, Bo &
Ko
16 mm
12.1
14.25
7.5 +
_0.1
8.0 +
_0.1
8.0
16.3
Note 1
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
Not to scale
REEL DIMENSIONS
A
inches
7.0
10.0
13.0
mm
177.8
254.0
330.2
B
inches
2.50
4.00
3.75
mm
63.5
101.6
95.3
Tape
Width
C
mm
13.0 +0.5 / -0.2
D
mm
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.0
Reel dimensions may vary from the above


Similar Part No. - LV9944DV-375.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV9944DCV15625M PLETRONICS-LV9944DCV15625M Datasheet
324Kb / 2P
   Excellent phase noise characteristics
LV9944DCW15625M PLETRONICS-LV9944DCW15625M Datasheet
324Kb / 2P
   Excellent phase noise characteristics
LV9944DEV15625M PLETRONICS-LV9944DEV15625M Datasheet
324Kb / 2P
   Excellent phase noise characteristics
LV9944DEW15625M PLETRONICS-LV9944DEW15625M Datasheet
324Kb / 2P
   Excellent phase noise characteristics
More results

Similar Description - LV9944DV-375.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com