Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2005 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2005
Description  Fast-Charge IC for Dual-Battery Packs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2005 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2005 Datasheet HTML 2Page - Texas Instruments BQ2005 Datasheet HTML 3Page - Texas Instruments BQ2005 Datasheet HTML 4Page - Texas Instruments BQ2005 Datasheet HTML 5Page - Texas Instruments BQ2005 Datasheet HTML 6Page - Texas Instruments BQ2005 Datasheet HTML 7Page - Texas Instruments BQ2005 Datasheet HTML 8Page - Texas Instruments BQ2005 Datasheet HTML 9Page - Texas Instruments BQ2005 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
battery chemistries that have a tendency to terminate
charge prior to reaching full capacity. With top-off en-
abled, charging continues at a reduced rate after
fast-charge termination for a period of time selected
by the TM1 and TM2 input pins. (See Table 2.) During
top-off, the CC pin is modulated at a duty cycle of 4s
active for every 30s inactive. This modulation results
in an average rate 1/8th that of the fast charge rate.
Maximum voltage, time, and temperature are the only
termination methods enabled during top-off.
Pulse-Trickle Charge
Pulse-trickle charging follows the fast charge and op-
tional top-off charge phases to compensate for self-
discharge of the battery while it is idle in the charger.
The configured pulse-trickle rate is also applied in the
charge pending state to raise the voltage of an over-
discharged battery up to the minimum required before
fast charge can begin.
In the pulse-trickle mode, MOD is active for 260
µsofa
period specified by the settings of TM1 and TM2. See Ta-
ble 1.
The resulting trickle-charge rate is C/64 when
top-off is enabled and C/32 when top-off is disabled. Both
pulse trickle and top-off may be disabled by tying TM1
and TM2 to VSS.
Charge Status Indication
Charge status is indicated by the CHG output.
The
state of the CHG output in the various charge cycle
phases is shown in Figure 4 and illustrated in Figure 2.
Temperature status is indicated by the TEMP output.
TEMP is in the high state whenever VTEMP is within the
temperature window defined by the VLTF and VHTF tem-
perature limits, and is low when the battery tempera-
ture is outside these limits.
In all cases, if VCELL exceeds the voltage at the MCV
pin, both CHG and TEMP outputs are held high regard-
less of other conditions. CHG and TEMP may both be used
to directly drive an LED.
Pack Sequencing
If both batteries A and B are present when a new charge
cycle is started, the charge cycle starts on battery B and
B remains the active channel until fast charge termina-
tion. Then battery A will be fast charged, followed by a
top-off phase on B (if selected), a top-off phase on A (if
selected), and then maintenance charging on both.
If
only battery A is present, the charge cycle begins on A
and continues until fast charge termination even if a
battery is inserted in channel B in the meantime.
A
new battery insertion in channel B while A is in the
top-off phase terminates top-off on A and begins a new
charge cycle on B. If A is configured for or commanded
to discharge-before-charge, the discharge may take
place while channel B is the active charging channel.
When the discharge is complete, if B is still the active
channel battery A enters the Charge Pending state until
A becomes the active channel.
Charge Current Control
The bq2005 controls charge current through the MODA,B out-
put pin. The current control circuitry is designed to sup-
port implementation of a constant-current switching regu-
lator or to gate an externally regulated current source.
When used in switch mode configuration, the nominal
regulated current is:
IREG = 0.225V/RSNS
Charge current is monitored at the SNSA,B input by the
voltage drop across a sense resistor, RSNS, between the
low side of the battery pack and ground. RSNS is sized to
provide the desired fast charge current.
If the voltage at the SNSA,B pin is less than VSNSLO, the
MODA,B output is switched high to pass charge current to
the battery.
When the SNSA,B voltage is greater than VSNSHI, the
MODA,B output is switched low—shutting off charging
current to the battery.
VSNSLO = 0.04
∗ VCC ± 25mV
VSNSHI = 0.05
∗ VCC ± 25mV
When used to gate an externally regulated current
source, the SNSA,B pin is connected to VSS, and no sense
resisitor is required.
6
bq2005


Similar Part No. - BQ2005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2005 TI1-BQ2005 Datasheet
664Kb / 18P
[Old version datasheet]   Fast- Charge IC for Dual-Bat tery Packs
BQ2005PN TI1-BQ2005PN Datasheet
664Kb / 18P
[Old version datasheet]   Fast- Charge IC for Dual-Bat tery Packs
BQ2005S TI1-BQ2005S Datasheet
664Kb / 18P
[Old version datasheet]   Fast- Charge IC for Dual-Bat tery Packs
BQ2005SG4 TI1-BQ2005SG4 Datasheet
664Kb / 18P
[Old version datasheet]   Fast- Charge IC for Dual-Bat tery Packs
BQ2005STR TI1-BQ2005STR Datasheet
664Kb / 18P
[Old version datasheet]   Fast- Charge IC for Dual-Bat tery Packs
More results

Similar Description - BQ2005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2005 TI1-BQ2005_13 Datasheet
664Kb / 18P
[Old version datasheet]   Fast- Charge IC for Dual-Bat tery Packs
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
logo
Texas Instruments
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI-BQ2007 Datasheet
172Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
logo
BesTech Power Co., Ltd
HCX-D107 BESTECH-HCX-D107 Datasheet
237Kb / 1P
   For 64V 20S LiFePO4 Battery Packs
HCX-D131 BESTECH-HCX-D131 Datasheet
189Kb / 1P
   For 76.8V 24S LiFePO4 Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com