Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3835IGN-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3835IGN-1
Description  Low IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835IGN-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3835IGN-1 Datasheet HTML 1Page - Linear Technology LTC3835IGN-1 Datasheet HTML 2Page - Linear Technology LTC3835IGN-1 Datasheet HTML 3Page - Linear Technology LTC3835IGN-1 Datasheet HTML 4Page - Linear Technology LTC3835IGN-1 Datasheet HTML 5Page - Linear Technology LTC3835IGN-1 Datasheet HTML 6Page - Linear Technology LTC3835IGN-1 Datasheet HTML 7Page - Linear Technology LTC3835IGN-1 Datasheet HTML 8Page - Linear Technology LTC3835IGN-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC3835-1
5
38351fc
TYPICAL PERFORMANCE CHARACTERISTICS
Inductor Current at Light Load
Soft Start-Up
Tracking Start-Up
Total Input Supply Current
vs Input Voltage
EXTVCC Switchover and INTVCC
Voltages vs Temperature
INTVCC Line Regulation
Maximum Current Sense Voltage
vs ITH Voltage
Sense Pins Total Input
Bias Current
Maximum Current Sense Threshold
vs Duty Cycle
TA = 25°C, unless otherwise noted.
4μs/DIV
PULSE-
SKIPPING
MODE
38351 G07
2A/DIV
Burst Mode
OPERATION
FORCED
CONTIN-
UOUS
MODE
20ms/DIV
38351 G08
VOUT
1V/DIV
20ms/DIV
38351 G09
VOUT2
2V/DIV
VOUT1
2V/DIV
(SLAVE)
(MASTER)
FIGURE 10 CIRCUIT
VOUT = 3.3V
ILOAD = 300μA
FIGURE 10 CIRCUIT
FIGURE 10 CIRCUIT
INPUT VOLTAGE (V)
5
350
300
250
200
150
100
50
0
20
30
38351 G10
10
15
25
35
300μA LOAD
NO LOAD
TEMPERATURE (°C)
–45
4.0
4.2
4.6
4.8
5.0
6.0
5.4
–5
35
55
38351 G11
4.4
5.6
5.8
5.2
–25
15
75
95
EXTVCC FALLING
EXTVCC RISING
INTVCC
INPUT VOLTAGE (V)
0
5.00
5.05
5.15
5.20
5.25
5.50
5.35
10
20
25
38351 G12
5.10
5.40
5.45
5.30
515
30
35
40
ITH PIN VOLTAGE (V)
0
40
60
100
0.6
1.0
38351 G13
20
0
0.2
0.4
0.8
1.2
1.4
–20
–40
80
PULSE SKIPPING
FORCED CONTINUOUS
BURST MODE (RISING)
BURST MODE (FALLING)
10% DUTY CYCLE
VSENSE COMMON MODE VOLTAGE (V)
0
–700
–600
–400
–300
–200
6789
200
38351 G14
–500
12345
10
–100
0
100
DUTY CYCLE (%)
0
40
80
120
20
60
100
20
40
60
80
38351 G15
100
10
030
50
70
90


Similar Part No. - LTC3835IGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835IGN-1 LINER-LTC3835IGN-1 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835IGN-1-PBF LINER-LTC3835IGN-1-PBF Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835IGN-1-TR LINER-LTC3835IGN-1-TR Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835IGN-1-TRPBF LINER-LTC3835IGN-1-TRPBF Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3835IGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com