Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3834IUFD-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3834IUFD-TRPBF
Description  30關A IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834IUFD-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3834IUFD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 9Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 10Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3834
7
3834fb
Regulated Feedback Voltage
vs Temperature
SENSE Pins Total Input Bias
Current vs Temperature
Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
INTVCC vs Load Current
Shutdown Current vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
TEMPERATURE (°C)
800
798
796
794
792
808
806
804
802
45
60
75
90
3834 G21
0
–15
–30
–45
15
30
TEMPERATURE (°C)
–120
–150
–180
–210
–240
30
0
–30
–60
–90
60
45
60
75
90
3834 G22
–270
0
–15
–30
–45
15
30
–300
VOUT = 10V
VOUT = 3.3V
VOUT = 0V
INPUT VOLTAGE (V)
8
10
35
3834 G23
6
4
20
15
10
525
30
2
0
12
TEMPERATURE (°C)
400
500
700
800
55
3834 G24
300
200
–5
–25
–45
15
35
75
95
100
0
600
VPLLLPF = INTVCC
VPLLLPF = FLOAT
VPLLLPF = GND
TEMPERATURE (°C)
3.6
3.5
3.4
3.3
3.2
4.1
4.0
3.9
3.8
3.7
4.2
45
60
75
90
3834 G25
0
–15
–30
–45
15
30
RISING
FALLING
LOAD CURRENT (mA)
5.0
5.2
5.3
50
3834 G26
4.9
4.8
20
10
030
40
60
4.7
4.6
5.1
EXTVCC = 5V
VIN = 12V
TEMPERATURE (°C)
4
5
7
45
3834 G27
3
2
0
–15
–30
–45
15
30
60
75
90
1
0
6


Similar Part No. - LTC3834IUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834IDHC-1-PBF LINER-LTC3834IDHC-1-PBF Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IDHC-1-TRPBF LINER-LTC3834IDHC-1-TRPBF Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IGN-1-PBF LINER-LTC3834IGN-1-PBF Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IGN-1-TRPBF LINER-LTC3834IGN-1-TRPBF Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3834IUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834-1 LINER-LTC3834-1 Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3826 LINER-LTC3826 Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826-1 LINER-LTC3826-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com