Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1253ST8RX120 Datasheet(PDF) 5 Page - YOBON TECHNOLOGIES,INC.

Part # YB1253ST8RX120
Description  300mA, Low Power, High PSRR LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1253ST8RX120 Datasheet(HTML) 5 Page - YOBON TECHNOLOGIES,INC.

  YB1253ST8RX120 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
YB1253
300mA, Low Power, High PSRR LDO Regulator
YB1253 Rev. 1.5
www.yobon.com.tw
5
Typical Characteristics
At TA=25℃, VIN=(VOUT+1V), CIN=COUT=1.0μF, VEN=VIN, unless otherwise noted.
Output Curent VS Dropout voltage
0
100
200
300
400
500
600
700
800
900
1000
0
50
100
150
200
250
300
350
Output current (mA)
1.3V
1.8V
3.3V
Iout= 300mA
Output voltage VS Temperature
0
0.5
1
1.5
2
2.5
3
3.5
50
60
70
80
90
100
110
120
130
Temperature (degree)
1.8V
3.3V
Iout= 300mA
Startup delay time
Input voltage VS Quiescent current
0
5
10
15
20
25
30
35
40
45
2
2.5
3
3.5
4
4.5
5
5.5
input voltage (V)
3.3V
1.8V
Iout= 0
Output voltage VS Output current
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
Output current (mA)
1.8V
3.3V
Shutdown delay time
Rout = 10Ω
Vout = 3.3V
Rout = 10Ω
Vout = 3.3V
EN
Vout
EN
Vout


Similar Part No. - YB1253ST8RX120

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1253ST8RX120

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Excelliance MOS Corp.
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com