Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1253ST8RX120 Datasheet(PDF) 7 Page - YOBON TECHNOLOGIES,INC.

Part # YB1253ST8RX120
Description  300mA, Low Power, High PSRR LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1253ST8RX120 Datasheet(HTML) 7 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1253ST8RX120 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. YB1253ST8RX120 Datasheet HTML 11Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
YB1253
300mA, Low Power, High PSRR LDO Regulator
YB1253 Rev. 1.5
www.yobon.com.tw
7
Functional Block Diagram
Vref
Thermal
shutdown
Short Circuit
Protection
VIN
VOUT
GND
EN
Figure 3 : Function diagram
Functional Description
The YB1253 is an ultra-low-noise, low-quiescent
current, low-dropout linear regulator. It is supplied in
a SOT-23 / SOT-25 / SOT-89 package for different
applications. YB1253 can supply load current up to
300mA (typical operation, not maximum) with good
line and load regulation. Output voltages are preset
and ranging from 1.2V to 3.6V.
As shown in the Functional Block Diagram, the
YB1253 consists of a reference and noise bypass
circuit, error amplifier, output drive transistor, internal
feedback voltage divider, thermal sensor, and short
circuit current limiter.
The internal reference is connected to the error
amplifier’s inverting input. The error amplifier
compares this reference with the feedback voltage
and amplifies the difference. If the feedback voltage
is lower than the reference voltage, the gate of the
pass-transistor is pulled low. This allows more
current to pass to the output and increases the
output voltage. If the feedback voltage is too high,
the gate of the pass transistor is pulled high,
allowing less current to pass to the output.
Stability
The YB1253 is a high performance LDO
emphasizing stability with low output capacitance. It
is able to maintain stability with an output capacitor
as low as 1.0µF. The output capacitor can also be
increased to optimize performance. The YB1253 will
remain stable and in regulation with no load, unlike
many other voltage regulators.


Similar Part No. - YB1253ST8RX120

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1253ST8RX120

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Excelliance MOS Corp.
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com