Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2000SN-B5 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000SN-B5
Description  Programmable Multi-Chemistry Fast-Charge Management IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000SN-B5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2000SN-B5 Datasheet HTML 6Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 7Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 8Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 9Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 10Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 11Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 12Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 13Page - Texas Instruments BQ2000SN-B5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
n High-temperature fault voltage: VHTF = 0.25
∗ VCC This
voltage corresponds to the temperature (HTF) at which
fast charging is allowed to begin.
n Low-temperature fault voltage: VLTF = 0.5
∗ VCC
This voltage corresponds to the minimum temperature
(LTF) at which fast charging or top-off is allowed. If the
voltage on pin TS rises above VLTF, the bq2000
suspends fast charge or top-off but does not terminate
charge. When the voltage falls back below VLTF, fast
charge or top-off resumes from the point where
suspended. Trickle-charge is allowed during this
condition.
Table 4 summarizes these various conditions.
Charge Status Display
The charge status is indicated by open-drain output
LED.
Table 5 summarizes the display output of the
bq2000.
Sleep Mode
The bq2000 features a sleep mode for low power con-
sumption. This mode is enabled when the voltage at pin
BAT is above the low-power-mode threshold, VSLP. Dur-
ing sleep mode, the bq2000 shuts down all internal cir-
cuits, drives the LED output to high-impedance state,
and drives pin MOD to low. Restoring BAT below the
VMCV threshold initiates the IC and starts a fast-charge
cycle.
10
bq2000
Table 5. Charge Status Display
Charge Action State
LED Status
Battery absent
High impedance
Pre-charge qualification
1Hz flash
Trickle charge (before fast charge)
1Hz flash
Fast charging
Low
Top-off or trickle (after fast charge,
NiCd, NiMH only)
High impedance
Charge complete
High impedance
Sleep mode
High impedance
Charge suspended (VTS >VLTF)
1Hz flash
Temperature
Condition
Action
VTS >VLTF
Cold battery—checked at all times
Suspends fast charge or top-off and timer
Allows trickle charge—LED flashes at 1Hz rate
during pre-charge qualification and fast charge
VHTF <VTS <VLTF
Optimal operating range
Allows charging
VTS <VHTF
Hot battery—checked during charge quali-
fication and top-off and trickle-charge
Suspends fast-charge initiation, does not allow
trickle charge—LED flashes at 1Hz rate during
pre-charge qualification and fast charge
VTS <VTCO
Battery exceeding maximum allowable
temperature—checked at all times
Terminates fast charge or top-off
Table 4. Temperature-Monitoring Conditions
2000CS.eps
BAT-
Power Supply ground
bq2000 ground
SNS
RSNS
Rf
Cf
1
2
VSS
bq2000
Figure 9. Current-Sensing Circuit


Similar Part No. - BQ2000SN-B5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000SN-B5 TI1-BQ2000SN-B5 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000SN-B5G4 TI1-BQ2000SN-B5G4 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000SN-B5TR TI1-BQ2000SN-B5TR Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000SN-B5TRG4 TI1-BQ2000SN-B5TRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000SN-B5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
   Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000 TI1-BQ2000_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com